Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8845ACPZ-WP1 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM8845ACPZ-WP1
Szczegółowy opis  Charge Pump Driver for LCD White LED Backlights
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8845ACPZ-WP1 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM8845ACPZ-WP1 Datasheet HTML 1Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 2Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 3Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 4Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 5Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 6Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 7Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 8Page - Analog Devices ADM8845ACPZ-WP1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM8845
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VCC = 2.6 V to 5.5 V; TA = −40°C to +85°C, unless otherwise noted; C1,C2 = 1.0 µF; C3 = 2.2 µF; C4 = 4.7 µF
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
INPUT VOLTAGE, VCC
2.6
5.5
V
SUPPLY CURRENT, ICC
2.6
5
mA
All six LEDs disabled, VCC = 3.3 V, RSET = 7.08 kΩ
CTRL1 = 1, CRTL2 = 1
SHUTDOWN CURRENT
5
µA
CHARGE PUMP FREQUENCY
1.5
MHz
CHARGE PUMP MODE THRESHOLDS
1.5× to 2×
3.33
V
Accuracy
4
%
2× to 1.5×
3.36
V
Accuracy
4
%
Hysteresis
40
mV
1× to 1.5×
4.77
V
Accuracy
4
%
1.5× to 1×
4.81
V
Accuracy
4
%
Hysteresis
40
mV
ISET PIN
LED : LED Matching
−1
+1
%
ILED = 20 mA, VFB =0.4 V
LED : ISET Accuracy
−1
+1
%
ILED = 20 mA, RSET = 7.08 kΩ, VFB = 0.4 V, VCC = 3.6 V,
TA = 25°C
ISET Pin Voltage
1.18
V
ILED to ISET Ratio
120
MIN COMPLIANCE ON FBx PIN
0.2
0.3
V
ISET = 20 mA
Charge Pump Output Resistance
1.2
1.8
1× mode
3.5
5.1
1.5× mode
8.0
14
2× mode
LED Current
30
mA
See Note 1 and Figure 21
PWM
0.1
200
kHz
DIGITAL INPUTS
Input High
0.5 VCC
V
Input Low
0.3 VCC
V
Input Leakage Current
1
µA
CHARGE PUMP POWER EFFICIENCY
88
%
CTRL1 = 1, CRTL2 = 1, VCC = 3.4 V, VFB = 0.2 V, IFB = 20 mA
VOUT RIPPLE
30
m V
VCC = 3.6 V, ILED = 20 mA, all six LEDs enabled
_______________________
1 Guaranteed by design. Not 100% production tested.


Podobny numer części - ADM8845ACPZ-WP1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8845ACPZ-REEL7 AD-ADM8845ACPZ-REEL7 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
More results

Podobny opis - ADM8845ACPZ-WP1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com