Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1GU04 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LVC1GU04
Szczegółowy opis  Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1GU04 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1GU04 Datasheet HTML 3Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 4Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 9Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 10Page - NXP Semiconductors 74LVC1GU04 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2004 Sep 21
7
Philips Semiconductors
Product specification
Inverter
74LVC1GU04
Note
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
1.65 to 5.5
0.8
× V
CC
−−
V
VIL
LOW-level input voltage
1.65 to 5.5
−−
0.2
× VCC
V
VOL
LOW-level output voltage VI =VIH or VIL
IO = 100 µA
1.65 to 5.5
−−
0.1
V
IO = 4 mA
1.65
−−
0.70
V
IO = 8 mA
2.3
−−
0.45
V
IO = 12 mA
2.7
−−
0.60
V
IO = 24 mA
3.0
−−
0.80
V
IO = 32 mA
4.5
−−
0.80
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
1.65 to 5.5
VCC − 0.1
−−
V
IO = −4 mA
1.65
0.95
−−
V
IO = −8 mA
2.3
1.7
−−
V
IO = −12 mA
2.7
1.9
−−
V
IO = −24 mA
3.0
2.0
−−
V
IO = −32 mA
4.5
3.4
−−
V
ILI
input leakage current
VI = 5.5 V or GND 3.6
−±0.1
±5
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
−−
200
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


Podobny numer części - 74LVC1GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1GU04 NXP-74LVC1GU04 Datasheet
99Kb / 15P
   Inverter
Rev. 08-12 June 2007
logo
Silicon Supplies
74LVC1GU04 SS-74LVC1GU04 Datasheet
1Mb / 7P
   Low Voltage CMOS Logic
logo
Nexperia B.V. All right...
74LVC1GU04 NEXPERIA-74LVC1GU04 Datasheet
276Kb / 18P
   Unbuffered inverter
Rev. 15 - 12 January 2022
logo
NXP Semiconductors
74LVC1GU04-Q100 NXP-74LVC1GU04-Q100 Datasheet
118Kb / 14P
   Unbuffered inverter
Rev. 1-14 May 2013
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
More results

Podobny opis - 74LVC1GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com