Zakładka z wyszukiwarką danych komponentów |
|
CSC10A Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
CSC10A Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 31509 Revision 02-Aug-02 www.vishay.com 32 CSC Vishay Dale For Technical Questions, contact: ff2aresistors@vishay.com Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics FEATURES • 0.195" [4.95mm] "A", 0.250" [6.35mm] "B" • "A" profile standard in 4 thru 12 pins • Highly stable thick film • Low temperature coefficient (- 55 °C to + 125°C) ± 100ppm/°C • Reduces total assembly costs • Resistor elements protected by tough epoxy conformal coating • Wide resistance range • Available in bag pack or tube pack A = 0.195" [4.95mm] Height 0.100" [2.54mm] Lead Spacing B = 0.250" [6.35mm] Height 0.100" [2.54mm] Lead Spacing ORDERING INFORMATION 01 and 03 Schematics A PACKAGE CODE 08 NUMBER OF PINS CSC MODEL 08 NUMBER OF PINS G TOLERANCE 331 RESISTANCE VALUE R 2 221 RESISTANCE VALUE R 1 First two digits are significant figures. The third digit specifies the number of zeros to follow. G= ± 2% CSC MODEL 01 03 SCHEMATIC 01 = Pin #1 common to all resistors 03 = Isolated resistors First 2 digits are significant figures. Last digit specifies number of zeros to follow. G= ± 2% G TOLERANCE 101 RESISTANCE VALUE 05 Schematic A = 0.195" [4.95mm] Height 0.100" [2.54mm] Lead Spacing B = 0.250" [6.35mm] Height 0.100" [2.54mm] Lead Spacing 05 SCHEMATIC A PACKAGE CODE STANDARD ELECTRICAL SPECIFICATIONS MODEL/ PROFILE RESISTOR RESISTANCE STANDARD TEMPERATURE TCR OPERATING SCHEMATIC POWER RATING RANGE TOLERANCE COEFFICIENT TRACKING VOLTAGE Max. @ 70 °C* Ω % (- 55 °C to + 125°C) (- 55°C to + 125°C) VDC Max. CSC01 A 0.20 W 10 - 2.2M ± 2 (1%*) ± 100ppm/°C ± 50ppm/°C 100 B 0.25 W CSC03 A 0.30 W 10 - 2.2M ± 2 (1%*) ± 100ppm/°C ± 50ppm/°C 100 B 0.40 W CSC05 A 0.20 W 10 - 2.2M ± 2 (1%*) ± 100ppm/°C ± 150ppm/°C 100 B 0.25 W * For resistor power ratings @ + 25 °C see derating curves. • See derating curves for Package Power Rating. Higher power rated “C” Profile available. * Contact factory for 1% PARAMETER UNIT CSC Series Voltage Coefficient of Resistance V eff < 50ppm typical Dielectric Strength VAC 200 Isolation Resistance (03 Schematic) Ω > 100M Operating Temperature Range °C - 55 to + 125 TECHNICAL SPECIFICATIONS |
Podobny numer części - CSC10A |
|
Podobny opis - CSC10A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |