Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH322244A Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVCH322244A
Szczegółowy opis  32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322244A Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH322244A Datasheet HTML 2Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 3Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 4Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 5Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 6Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 7Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 8Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 9Page - NXP Semiconductors 74LVCH322244A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Aug 31
6
Philips Semiconductors
Product specification
32-bit buffer/line driver; with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC322244A;
74LVCH322244A
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 70
°C the value of P
D derates linearly with 1.8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
MIN.
MAX.
VCC
DC supply voltage
for max. speed performance
2.7
3.6
V
for low-voltage applications
1.2
3.6
V
VI
DC input voltage
0
5.5
V
VO
DC output voltage
output HIGH or LOW state
0
VCC
V
3-state
0
5.5
V
Tamb
operating ambient temperature
see DC and AC characteristics
per device
−40
+85
°C
tr,tf (∆t/∆f)
input rise and fall times ratio
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+6.5
V
VI
DC input voltage
note 1
−0.5
+6.5
V
IIK
DC input diode current
VI <0
−−50
mA
IOK
DC output diode current
VO >VCC or VO < 0; note 1
−±50
mA
VO
DC output voltage
output HIGH or LOW state;
note 1
−0.5
VCC + 0.5 V
output 3-state; note 1
−0.5
+6.5
V
IO
DC output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per packages
temperature range:
−40 to +85 °C; note 2
1000
mW


Podobny numer części - 74LVCH322244A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCH322244AZKER TI-74LVCH322244AZKER Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
More results

Podobny opis - 74LVCH322244A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com