Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLD1X1K000DB Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SLD1X1K000DB
Szczegółowy opis  Precision Resistor 1-2-3 Network(Conformally Coated)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SLD1X1K000DB Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SLD1X1K000DB Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD1X1K000DB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance
Parameters
Test Condition
Max. Rated Operating Temperature
Working Temperature Range
Temperature Cyciling
Overload
Life(Rated Load)
Life(Moisture Load)
High Temperature Exposure
Low Temperature Operation
Terminal Strength
Dielectric Withstanding Voltage
Insulation Resistance
Resistance to Soldering Heat
Moisture Resistance
Storage Life
Shock
Vibration
25 C 30min.,Room Temperature 5min.,125 C 30min., 5cycles
Rated Voltage
2.5, 5 sec.
50G, 11ms, Half-sine Wave, X, Y, Z, each 3 shocks
20G, 10Hz to 55Hz to 10Hz, 1min., X, Y, Z, each 2hrs
70 C, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs
40 C, 90%RH to 95%RH, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs
125 C, No Load, 1000hrs
25 C, No Load, 2hrs
0.908kg(2pounds),10 sec.
Atmospheric:AC 300V, 1 min.
DC 100V, 1 min.
350 C, 3 sec.
65 C to
10 C, 90%RH to 98%RH, Rated Voltage, 10cycles(240hrs)
15 C to 35 C, 15%RH to 75%RH, No Load, 10000hrs
ALPHA Specification
ALPHA Typical Test Data
R
Ratio
R
Ratio
70 C
25 C to
125 C
0.05%
0.05%
0.05%
0.05%
0.03%
0.1%
0.03%
0.03%
0.03%
0.1%
0.05%
0.02%
0.05%
0.01%
0.01%
0.01%
0.01%
0.01%
0.05%
0.01%
0.01%
0.01%
0.05%
0.01%
0.01%
0.01%
0.01%
0.0025%
0.0025%
0.0025%
0.0025%
0.03%
0.005%
0.005%
0.0025%
0.01%
0.01%
0.005%
0.01%
0.005%
0.001%
0.001%
0.001%
0.001%
0.01%
0.001%
0.001%
0.001%
0.005%
0.005%
0.0025%
0.005%
over 10,000M
over 10,000M
Example of Applications
An Application of Type SLD (Input feed-back resistors for amplifiers)
Because the input and the feedback resistors are incorporated into one single
element, amplification is not affected by temperature change.
R1
R2
R1
VIN
VOUT
R2


Podobny numer części - SLD1X1K000DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
SLD10-018 LITTELFUSE-SLD10-018 Datasheet
104Kb / 2P
   Silicon Avalanche Diodes - Axial Leaded High Power Automotive Transient Voltage Suppressors
SLD10-018 LITTELFUSE-SLD10-018 Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
SLD10-018-B LITTELFUSE-SLD10-018-B Datasheet
132Kb / 4P
   Transient Voltage Suppression Diodes
logo
Sony Corporation
SLD104AU SONY-SLD104AU Datasheet
45Kb / 4P
   AlGaAs Laser Diode
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
More results

Podobny opis - SLD1X1K000DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
   Conformally Coated, Radial Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com