Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6563A Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części L6563A
Szczegółowy opis  ADVANCED TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 7Page - STMicroelectronics L6563A Datasheet HTML 8Page - STMicroelectronics L6563A Datasheet HTML 9Page - STMicroelectronics L6563A Datasheet HTML 10Page - STMicroelectronics L6563A Datasheet HTML 11Page - STMicroelectronics L6563A Datasheet HTML 12Page - STMicroelectronics L6563A Datasheet HTML 13Page - STMicroelectronics L6563A Datasheet HTML 14Page - STMicroelectronics L6563A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L6563 - L6563A
Typical electrical performance
11/37
5
Typical electrical performance
Figure 3.
Supply current vs supply voltage
Figure 4.
VCC Zener voltage vs TJ
Figure 5.
IC consumption vs TJ
Figure 6.
Feedback reference vs TJ
Figure 7.
Start-up & UVLO vs TJ
Figure 8.
E/A output clamp levels vs TJ
Vc c (V )
0
0.00 5
0.01
0.05
0.1
0.5
1
5
10
Ic c
(m A )
0
5
10
15
2 0
Co = 1 n F
f = 7 0 kH z
T j = 25°C
25
Vc c (V )
0
0.00 5
0.01
0.05
0.1
0.5
1
5
10
Ic c
(m A )
0
5
10
15
2 0
Co = 1 n F
f = 7 0 kH z
T j = 25°C
25
T j(°C )
Vc cz (pin 14 )
(V )
-5 0
0
50
10 0
1 5 0
22
23
24
25
26
27
28
T j(°C )
Vc cz (pin 14 )
(V )
-5 0
0
50
10 0
1 5 0
22
23
24
25
26
27
28
-5 0
0
50
1 0 0
1 50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ic c
(m A )
O p eratin g
Q u ie sce n t
D is able d or
du ring O V P
B e fo re s tart-up
V c c = 12 V
C o = 1 nF
f = 7 0 k H z
T j(°C )
Latc h ed off
-5 0
0
50
1 0 0
1 50
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ic c
(m A )
O p eratin g
Q u ie sce n t
D is able d or
du ring O V P
B e fo re s tart-up
V c c = 12 V
C o = 1 nF
f = 7 0 k H z
T j(°C )
Latc h ed off
V
RE F
(V )
-5 0
0
50
10 0
1 5 0
2.4
2.4 5
2.5
2.5 5
2.6
Vc c = 1 2 V
T j(°C )
(p in 1 )
V
RE F
(V )
-5 0
0
50
10 0
1 5 0
2.4
2.4 5
2.5
2.5 5
2.6
Vc c = 1 2 V
T j(°C )
(p in 1 )
Tj(°C)
VCC-ON
(V)
VCC-OFF
(V)
-50
0
50
100
150
9
9.5
10
10.5
11
11.5
12
12.5
Tj(°C)
VCC-ON
(V)
VCC-OFF
(V)
-50
0
50
100
150
9
9.5
10
10.5
11
11.5
12
12.5
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
10 0
1 5 0
1
2
3
4
5
6
7
Up p e r c la m p
Lo w e r cla m p
V c c = 12 V
T j(°C )
VCOMP (pin 2)
(V )
-5 0
0
50
10 0
1 5 0
1
2
3
4
5
6
7
Up p e r c la m p
Lo w e r cla m p
V c c = 12 V


Podobny numer części - L6563A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6563A STMICROELECTRONICS-L6563A Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
L6563ATR STMICROELECTRONICS-L6563ATR Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
More results

Podobny opis - L6563A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com