Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT04DB Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LVT04DB
Szczegółowy opis  3.3V Hex inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT04DB Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LVT04DB Datasheet HTML 1Page - NXP Semiconductors 74LVT04DB Datasheet HTML 2Page - NXP Semiconductors 74LVT04DB Datasheet HTML 3Page - NXP Semiconductors 74LVT04DB Datasheet HTML 4Page - NXP Semiconductors 74LVT04DB Datasheet HTML 5Page - NXP Semiconductors 74LVT04DB Datasheet HTML 6Page - NXP Semiconductors 74LVT04DB Datasheet HTML 7Page - NXP Semiconductors 74LVT04DB Datasheet HTML 8Page - NXP Semiconductors 74LVT04DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT04
3.3V Hex inverter
2
1996 Aug 28
853-1874 17244
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An to Yn
CL = 50pF;
VCC = 3.3V
2.6
2.5
ns
CIN
Input
capacitance
VI = 0V or 3.0V
3
pF
ICCL
Total supply
current
Outputs Low;
VCC = 3.6V
1.5
mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Y4
A3
Y3
A4
A5
Y5
A0
Y0
Y2
A1
Y1
A2
SA00338
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9,
11, 13
An
Data inputs
2, 4, 6, 8,
10, 12
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUT
An
Yn
L
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SA00340
2
4
6
8
10
12
Y0
Y1
Y2
Y3
Y4
Y5
1
3
5
9
11
13
A0
A1
A2
A3
A4
A5
LOGIC SYMBOL (IEEE/IEC)
13
1
SF00014
12
11
10
9
8
5
6
3
4
1
2
LOGIC SYMBOL
46
8
10
13
5
9
11
13
VCC = Pin 14
GND = Pin 7
SA00339
A0
A1 A2 A3 A4 A5
2
Y0Y1Y2Y3Y4Y5
12
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVT04 D
74LVT04 D
SOT108-1
14-Pin Plastic SSOP
–40
°C to +85°C
74LVT04 DB
74LVT04 DB
SOT337-1
14-Pin Plastic TSSOP
–40
°C to +85°C
74LVT04 PW
74LVT04PW DH
SOT402-1


Podobny numer części - 74LVT04DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVT04DB-Q100 NEXPERIA-74LVT04DB-Q100 Datasheet
714Kb / 13P
   3.3 V Hex inverter
More results

Podobny opis - 74LVT04DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com