Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD04060E Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części CSD04060E
Szczegółowy opis  ZERO RECOVERY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

CSD04060E Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  CSD04060E Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD04060E Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD04060E Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD04060E Datasheet HTML 4Page - List of Unclassifed Manufacturers CSD04060E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSD04060
Page 1 • CSD04060, Rev C
ZERO RECOVERY
TM RECTIFIER
Features
Benefits
_________
600 Volt Schottky Rectifier
• Replace Bipolar with Unipolar Rectifiers
Zero Reverse Recovery
• Essentially No Switching Losses
Zero Forward Recovery
• Higher Efficiency
High Frequency Operation
• Reduction Of Rectifier Heat Sink
Temperature Independent Switching Behavior
• Parallel Devices without Thermal Runaway
Extremely Fast Switching
Positive Temperature Coefficient on V
F
Applications
Package
______
______
• Switch Mode Power Supplies
• Power Factor Correction
• Motor Control
Maximum Ratings
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Surge Peak Reverse Voltage
VRSM
600
V
DC Blocking Voltage
VDC
600
V
Average Forward Current
TC=150°C
IF(AV)
4
A
Repetitive Peak Forward Surge Current
TC=25°C, tP=8.3ms, Half Sine Wave
IFRM
20
A
Non-Repetitive Peak Forward Surge Current
TC=25°C, tP=10µs, Pulse
IFSM
110
A
Power Dissipation
TC = 25 °C
Ptot
62.5
W
Operating Junction and Storage Temperature
TJ , Tstg
-55 to +175
°C


Podobny numer części - CSD04060E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CSD04060E CREE-CSD04060E Datasheet
487Kb / 6P
   Silicon Carbide Schottky Diode
More results

Podobny opis - CSD04060E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CSD10120 ETC-CSD10120 Datasheet
131Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD05120 ETC-CSD05120 Datasheet
145Kb / 4P
   ZERO RECOVERY RECTIFIER
CSD06060 ETC-CSD06060 Datasheet
207Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD01060 ETC1-CSD01060 Datasheet
211Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD10060 ETC-CSD10060 Datasheet
207Kb / 5P
   ZERO RECOVERY RECTIFIER
CSD20060 ETC-CSD20060 Datasheet
168Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD10030 CREE-CSD10030 Datasheet
253Kb / 5P
   ZERO RECOVERY RECTIFIER
logo
List of Unclassifed Man...
CSD20030 ETC1-CSD20030 Datasheet
224Kb / 4P
   ZERO RECOVERY RECTIFIER
logo
Cree, Inc
CSD20030 CREE-CSD20030 Datasheet
239Kb / 4P
   ZERO RECOVERY RECTIFIER
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com