Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL594INSR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TL594INSR
Szczegółowy opis  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL594INSR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL594INSR Datasheet HTML 2Page - Texas Instruments TL594INSR Datasheet HTML 3Page - Texas Instruments TL594INSR Datasheet HTML 4Page - Texas Instruments TL594INSR Datasheet HTML 5Page - Texas Instruments TL594INSR Datasheet HTML 6Page - Texas Instruments TL594INSR Datasheet HTML 7Page - Texas Instruments TL594INSR Datasheet HTML 8Page - Texas Instruments TL594INSR Datasheet HTML 9Page - Texas Instruments TL594INSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL594
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS052F − APRIL 1988 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V,
(unless otherwise noted) (continued)
dead-time control section (see Figure 2)
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input bias current
VI = 0 to 5.25 V
−2
−10
µA
Maximum duty cycle, each output
DTC = 0 V
0.45
Input threshold voltage
Zero duty cycle
3
3.3
V
Input threshold voltage
Maximum duty cycle
0
V
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
output section
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VC = 40 V, VE = 0 V,
VCC = 40 V
2
100
Collector off-state current
DTC and OUTPUT CTRL = 0 V,
VC = 15 V,
VE = 0 V,
VCC = 1 to 3 V
4
200
µA
Emitter off-state current
VCC = VC = 40 V,
VE = 0
−100
µA
Collector-emitter saturation voltage
Common emitter
VE = 0,
IC = 200 mA
1.1
1.3
V
Collector-emitter saturation voltage
Emitter follower
VC = 15 V,
IE = −200 mA
1.5
2.5
V
Output control input current
VI = Vref
3.5
mA
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
pwm comparator section (see Figure 2)
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage, FEEDBACK
Zero duty cycle
4
4.5
V
Input sink current, FEEDBACK
FEEDBACK = 0.5 V
0.3
0.7
mA
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
undervoltage lockout section (see Figure 2)
PARAMETER
TEST CONDITIONS‡
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
MAX
UNIT
Threshold voltage
TA = 25°C
6
V
Threshold voltage
∆TA = MIN to MAX
3.5
6.9
V
Hysteresis§
100
mV
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ Hysteresis is the difference between the positive-going input threshold voltage and the negative-going input threshold voltage.
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
RT at Vref,
VCC = 15 V
9
15
mA
Standby supply current
RT at Vref,
All other inputs and outputs open
VCC = 40 V
11
18
mA
Average supply current
DTC = 2 V,
See Figure 2
12.4
mA
† All typical values, except for parameter changes with temperature, are at TA = 25°C.


Podobny numer części - TL594INSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL594INSR TI-TL594INSR Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594INSR TI-TL594INSR Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594INSRG4 TI-TL594INSRG4 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594INSRG4 TI-TL594INSRG4 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Podobny opis - TL594INSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com