Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14532BCP Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MC14532BCP
Szczegółowy opis  8-BIT PRIORITY ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14532BCP Arkusz danych(HTML) 2 Page - Motorola, Inc

  MC14532BCP Datasheet HTML 1Page - Motorola, Inc MC14532BCP Datasheet HTML 2Page - Motorola, Inc MC14532BCP Datasheet HTML 3Page - Motorola, Inc MC14532BCP Datasheet HTML 4Page - Motorola, Inc MC14532BCP Datasheet HTML 5Page - Motorola, Inc MC14532BCP Datasheet HTML 6Page - Motorola, Inc MC14532BCP Datasheet HTML 7Page - Motorola, Inc MC14532BCP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14532B
2
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.74 µA/kHz) f + IDD
IT = (3.65 µA/kHz) f + IDD
IT = (5.73 µA/kHz) f + IDD
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.005.


Podobny numer części - MC14532BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14532BCP ONSEMI-MC14532BCP Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
MC14532BCP ONSEMI-MC14532BCP Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
MC14532BCPG ONSEMI-MC14532BCPG Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
More results

Podobny opis - MC14532BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com