Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14534BDW Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC14534BDW
Szczegółowy opis  5 CASCADED BCD COUNTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14534BDW Arkusz danych(HTML) 6 Page - Motorola, Inc

  MC14534BDW Datasheet HTML 1Page - Motorola, Inc MC14534BDW Datasheet HTML 2Page - Motorola, Inc MC14534BDW Datasheet HTML 3Page - Motorola, Inc MC14534BDW Datasheet HTML 4Page - Motorola, Inc MC14534BDW Datasheet HTML 5Page - Motorola, Inc MC14534BDW Datasheet HTML 6Page - Motorola, Inc MC14534BDW Datasheet HTML 7Page - Motorola, Inc MC14534BDW Datasheet HTML 8Page - Motorola, Inc MC14534BDW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14534B
6
SCANNER TIMING DIAGRAM
NOTE: If Mode B = 1, the first decade is inhibited and S1 will not go high, and the cycle will be
shortened to four stages.
DS5 is selected automatically when Scanner Reset goes high.
TEN
THOUSANDS
THOUSANDS
HUNDREDS
TENS
UNITS
SCANNER
CLOCK
SCANNER
RESET
DS1
DS2
DS3
DS4
DS5
ERROR DETECTION TIMING DIAGRAM
NOTE: Error detector looks for inverted pulse on Clock B. Whenever a positive edge at
Clock A is not accompanied by a negative pulse at Clock B (or vice–versa) within
a time period of the one–shots an error is counted. Three errors result in Error Out
to go to a “1”. If error detection is not needed, tie Clock B high or low and leave
Pins 1 and 22 unconnected.
CLOCK A
CLOCK B
RESET
ERROR
OUT
GOOD PULSE
ERROR
1
ERROR
2
ERROR
3
ERROR
4
GOOD PULSE
CLOCK SKEW RANGE
NOTES:
1. The skew is the time difference between the
low–to–high transition of CA to the high–to–
low transition of CB or vice–versa. Capacitors
C1 = C22 tied from pins 1 and 22 to VSS.
2. This graph is accurate for C1 = C22
≥ 100 pF.
3. When the error detection circuitry in not used,
pins 1 and 22 are left open.
1000
500
300
100
50
30
10
5.0
3.0
1.0
3.0
5.0
7.0
9.0
11
13
15
17
VDD (Vdc)
SKEW IN THIS RANGE
RESULTS IN COUNTED
ERROR.
MAX
SKEW IN THIS RANGE
RESULTS IN NO ERROR
COUNTED.
TYP
MIN
SKEW IN THIS RANGE
MAY OR MAY NOT
RESULT IN COUNTED
ERROR.


Podobny numer części - MC14534BDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14530B MOTOROLA-MC14530B Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCL MOTOROLA-MC14530BCL Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCP MOTOROLA-MC14530BCP Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BD MOTOROLA-MC14530BD Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
More results

Podobny opis - MC14534BDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com