Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT2952D Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LVT2952D
Szczegółowy opis  3.3V LVT octal registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2952D Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LVT2952D Datasheet HTML 1Page - NXP Semiconductors 74LVT2952D Datasheet HTML 2Page - NXP Semiconductors 74LVT2952D Datasheet HTML 3Page - NXP Semiconductors 74LVT2952D Datasheet HTML 4Page - NXP Semiconductors 74LVT2952D Datasheet HTML 5Page - NXP Semiconductors 74LVT2952D Datasheet HTML 6Page - NXP Semiconductors 74LVT2952D Datasheet HTML 7Page - NXP Semiconductors 74LVT2952D Datasheet HTML 8Page - NXP Semiconductors 74LVT2952D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LVT2952
3.3V Octal registered transceiver (3-State)
1998 Feb 19
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IO
DC output current
Output in High state
–64
mA
IOUT
DC output current
Output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IO
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%, f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Podobny numer części - 74LVT2952D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT20 PHILIPS-74LVT20 Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20D PHILIPS-74LVT20D Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20DB PHILIPS-74LVT20DB Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PW PHILIPS-74LVT20PW Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PWDH PHILIPS-74LVT20PWDH Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
More results

Podobny opis - 74LVT2952D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
   Octal D-type registered transceiver 3-State
1998 Jul 31
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com