Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145484DW Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC145484DW
Szczegółowy opis  5V PCM CODEC-FILTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145484DW Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC145484DW Datasheet HTML 3Page - Motorola, Inc MC145484DW Datasheet HTML 4Page - Motorola, Inc MC145484DW Datasheet HTML 5Page - Motorola, Inc MC145484DW Datasheet HTML 6Page - Motorola, Inc MC145484DW Datasheet HTML 7Page - Motorola, Inc MC145484DW Datasheet HTML 8Page - Motorola, Inc MC145484DW Datasheet HTML 9Page - Motorola, Inc MC145484DW Datasheet HTML 10Page - Motorola, Inc MC145484DW Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MC145484
MOTOROLA
7
Figure 2a. Long Frame Sync (Transmit and Receive Have Individual Clocking)
Figure 2b. Short Frame Sync (Transmit and Receive Have Individual Clocking)
Figure 2c. IDL Interface — BCLKR = 1 (Transmit and Receive Have Common Clocking)
Figure 2d. GCI Interface — BCLKR = 0 (Transmit and Receive Have Common Clocking)
Din (DR)
IDL RX (DR)
DON’T
CARE
DON’T CARE
8
DR
8
7
6
5
4
3
2
1
DR
DON’T CARE
DON’T CARE
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
B2–CHANNEL (FSR = 1)
B1–CHANNEL (FSR = 0)
B2–CHANNEL (FSR = 1)
B1–CHANNEL (FSR = 0)
Dout (DT)
DCL (BCLKT)
FSC (FST)
IDL TX (DT)
IDL CLOCK (BCLKT)
IDL SYNC (FST)
DT
BCLKT (BCLKR)
FST (FSR)
DT
BCLKT (BCLKR)
FST (FSR)
DON’T CARE
DON’T CARE
DON’T
CARE
DON’T
CARE
DON’T CARE
7
6
5
4
3
2
1
8
8
7
6
5
4
3
2
1
7
6
5
4
3
2
1
8
8
7
6
5
4
3
2
1
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
Figure 2. Digital Timing Modes for the PCM Data Interface


Podobny numer części - MC145484DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
MC145484 NXP-MC145484 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results

Podobny opis - MC145484DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com