Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT32D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LVT32D
Szczegółowy opis  3.3V Quad 2-input OR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT32D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LVT32D Datasheet HTML 1Page - NXP Semiconductors 74LVT32D Datasheet HTML 2Page - NXP Semiconductors 74LVT32D Datasheet HTML 3Page - NXP Semiconductors 74LVT32D Datasheet HTML 4Page - NXP Semiconductors 74LVT32D Datasheet HTML 5Page - NXP Semiconductors 74LVT32D Datasheet HTML 6Page - NXP Semiconductors 74LVT32D Datasheet HTML 7Page - NXP Semiconductors 74LVT32D Datasheet HTML 8Page - NXP Semiconductors 74LVT32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT32
3.3V Quad 2-input OR gate
2
1996 Aug 28
853-1873 17244
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An, Bn to Yn
CL = 50pF;
VCC = 3.3V
2.6
3.2
ns
CIN
Input
capacitance
VI = 0V or 3.0V
3
pF
ICCL
Total supply
current
Outputs Low;
VCC = 3.6V
1
mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
B2
A2
Y2
Y3
B3
A3
A0
B0
Y1
Y0
A1
B1
SA00354
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1, 2, 4, 5, 9,
10, 12, 13
An, Bn
Data inputs
3, 6, 8, 11
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC DIAGRAM
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
3
6
8
11
1
2
4
5
9
10
12
13
SA00356
LOGIC SYMBOL
3
6
8
11
1
2
4
5
9
10
12 13
VCC = Pin 14
GND = Pin 7
SA00355
A0 B0 A1 B1 A2 B2 A3 B3
Y0 Y1 Y2 Y3
LOGIC SYMBOL (IEEE/IEC)
1
2
4
5
9
10
12
13
3
6
8
11
SF00041
1
FUNCTION TABLE
INPUTS
OUTPUT
Dna
Dnb
Qn
L
L
L
L
H
H
H
L
H
H
H
H
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVT32 D
74LVT32 D
SOT108-1
14-Pin Plastic SSOP
–40
°C to +85°C
74LVT32 DB
74LVT32 DB
SOT337-1
14-Pin Plastic TSSOP
–40
°C to +85°C
74LVT32 PW
74LVT32PW DH
SOT402-1


Podobny numer części - 74LVT32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT322245G FAIRCHILD-74LVT322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT322373 FAIRCHILD-74LVT322373 Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT322373G FAIRCHILD-74LVT322373G Datasheet
161Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT32244 FAIRCHILD-74LVT32244 Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
More results

Podobny opis - 74LVT32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT86 PHILIPS-74LVT86 Datasheet
99Kb / 10P
   3.3V Quad 2-input exclusive-OR gate
1996 Sep 10
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com