Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145443 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC145443
Szczegółowy opis  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC145443 Datasheet HTML 1Page - Motorola, Inc MC145443 Datasheet HTML 2Page - Motorola, Inc MC145443 Datasheet HTML 3Page - Motorola, Inc MC145443 Datasheet HTML 4Page - Motorola, Inc MC145443 Datasheet HTML 5Page - Motorola, Inc MC145443 Datasheet HTML 6Page - Motorola, Inc MC145443 Datasheet HTML 7Page - Motorola, Inc MC145443 Datasheet HTML 8Page - Motorola, Inc MC145443 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC145442
•MC145443
MOTOROLA
5
RxA2, RxA1
Receive Carrier (Pins 15, 16)
The receive carrier is the FSK input to the demodulator
through the receive band–pass filter. RxA1 is the non–invert-
ing input and RxA2 is the inverting input of the receive hybrid
(duplexer) operational amplifier.
LB
Analog Loopback (Pin 2)
When a high level is applied to this pin (SQT must be low),
the analog loopback test is enabled. The analog loopback
test connects the TxA pin to the RxA2 pin and the RxA1 to
analog ground. In loopback, the demodulator frequencies
are switched to the modulation frequencies for the selected
mode. (See Tables 1 and 2 and Figures 4c and 4d.)
When LB is connected to analog ground (VAG), the modu-
lator generates an echo cancellation tone of 2100 Hz for
MC145442 CCITT V.21 and 2225 Hz for MC145443 Bell 103
systems. For normal operation, this pin should be at a logic
low level (VSS).
The power–down mode is enabled when both LB and SQT
are connected to a logic high level (see Table 2).
Table 2. Functional Table
MODE
Pin 13
SQT
Pin 14
LB
Pin 2
Operating Mode
1
0
0
Originate Mode
0
0
0
Answer Mode
X
0
VAG (VDD/2)
Echo Tone
X
0
1
Analog Loopback
X
1
0
Squelch Mode
X
1
VAG (VDD/2)
Squelch Mode
X
1
1
Power Down
MODE
Mode (Pin 13)
This input selects the pair of transmit and frequencies
used during modulation and demodulation. When a logic
high level is placed on this input, originate (Bell) or channel 1
(CCITT) is selected. When a low level is placed on this input,
answer (Bell) or channel 2 (CCITT) is selected. (See
Tables 1 and 2 and Figure 4.)
CDT
Carrier Detect Timing (Pin 4)
A capacitor on this pin to VSS sets the amount of time the
carrier must be present before CD goes low (see
Applica-
tions Information for the capacitor values).
CD
Carrier Detect Output (Pin 3)
This output is used to indicate when a carrier has been
sensed by the carrier detect circuit. This output goes to a
logic low level when a valid signal above the maximum
threshold level (defined by CDA, Pin 7) is maintained on the
input to the hybrid circuit longer then the response (defined
by CDT, Pin 4). This pin is held at the logic low level until the
signal falls below the maximum threshold level for longer
than the turn off time. (See
Applications Information and
Figure 5.)
CDA
Carrier Detect Adjust (Pin 7)
An external voltage may be applied to this pin to adjust the
carrier detect threshold. The threshold hysteresis is internally
fixed at 3 dB (see
Applications Information).
Xout, Xin
Crystal Oscillator (Pins 8, 9)
A crystal reference oscillator is formed when a 3.579 MHz
crystal is connected between these two pins. Xout (Pin 8) is
the output of the oscillator circuit, and Xin (Pin 9) is the input
to the oscillator circuit. When using an external clock, apply
the clock to the Xin (Pin 9) pin and leave Xout (Pin 8) open. An
internal 10 M
Ω resistor and internal capacitors, typically
10 pF on Xin and 16 pF on Xout, allow the crystal to be con-
nected without any other external components. Printed cir-
cuit board layout should keep external stray capacitance to a
minimum.
FB
Filter Bias (Pin 10)
This is the negative input to the ac amplifier. In normal op-
eration, this pin is connected to analog ground through a
0.1
µF bypass capacitor in order to cancel the input offset
voltage of the limiter. It has a nominal input impedance of
16 k
Ω. (see Figure 3).
SQT
Transmit Squelch (Pin 14)
When this input pin is at a logic high level, the modulator is
disabled. The line driver remains active if LB is at a logic low
level (see Table 2) .
When both LB and SQT are connected to a logic high
level, see Table 2, the entire chip is in a power down state
and all circuitry except the crystal oscillator is disabled. Total
power supply current decreases from 10 mA (Max) to 300
µA
(Max).
0.1
µF
FB
16 k
10
490 k
+
FROM
BAND–PASS
FILTER
TO
CARRIER DETECT CIRCUIT
AND DEMODULATOR
Figure 3. ac Amplifier Circuit


Podobny numer części - MC145443

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145443B MOTOROLA-MC145443B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145443BDW MOTOROLA-MC145443BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
logo
Motorola, Inc
MC145443BP MOTOROLA-MC145443BP Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
More results

Podobny opis - MC145443

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com