Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC57 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC74AC57
Szczegółowy opis  OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC57 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC74AC57 Datasheet HTML 1Page - Motorola, Inc MC74AC57 Datasheet HTML 2Page - Motorola, Inc MC74AC57 Datasheet HTML 3Page - Motorola, Inc MC74AC57 Datasheet HTML 4Page - Motorola, Inc MC74AC57 Datasheet HTML 5Page - Motorola, Inc MC74AC57 Datasheet HTML 6Page - Motorola, Inc MC74AC57 Datasheet HTML 7Page - Motorola, Inc MC74AC57 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-1
FACT DATA
Octal DType FlipFlop
with 3State Outputs
The MC74AC574/74ACT574 is a high-speed, low power octal flip-flop with a
buffered common Clock (CP) and a buffered common Output Enable (OE). The
information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH
Clock (CP) transition.
The MC74AC574/74ACT574 is functionally identical to the MC74AC374/
74ACT374 except for the pinouts.
• Inputs and Outputs on Opposite Sides of Package
Allowing Easy Interface with Microprocessors
• Useful as Input or Output Port for Microprocessors
• Functionally Identical to MC74AC374/74ACT374
• 3-State Outputs for Bus-Oriented Applications
• Outputs Source/Sink 24 mA
• ′ACT574 Has TTL Compatible Inputs
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
PIN NAMES
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-State Output Enable Input
O0–O7
3-State Outputs
MC74AC57
MC74ACT574
OCTAL D-TYPE
FLIP-FLOP WITH
3-STATE OUTPUTS
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC
LOGIC SYMBOL
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
OE


Podobny numer części - MC74AC57

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC573 ONSEMI-MC74AC573 Datasheet
126Kb / 12P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC573 ONSEMI-MC74AC573 Datasheet
103Kb / 10P
   Octal Buffer/Line Driver with 3-State Outputs
March, 2015 ??Rev. 8
MC74AC573DTR2 ONSEMI-MC74AC573DTR2 Datasheet
126Kb / 12P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
September, 2005 ??Rev. 7
MC74AC573DTR2G ONSEMI-MC74AC573DTR2G Datasheet
126Kb / 12P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
September, 2005 ??Rev. 7
More results

Podobny opis - MC74AC57

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com