Zakładka z wyszukiwarką danych komponentów |
|
MC74AC74N Arkusz danych(PDF) 3 Page - Motorola, Inc |
|
MC74AC74N Arkusz danych(HTML) 3 Page - Motorola, Inc |
3 / 6 page MC74AC74 MC74ACT74 5-3 FACT DATA DC CHARACTERISTICS Symbol Parameter VCC (V) 74AC 74AC Unit Conditions Symbol Parameter VCC (V) TA = +25°C TA = –40 °C to +85°C Unit Conditions Typ Guaranteed Limits VIH Minimum High Level Input Voltage 3.0 1.5 2.1 2.1 VOUT = 0.1 V Input Voltage 4.5 2.25 3.15 3.15 V or VCC – 0.1 V 5.5 2.75 3.85 3.85 VIL Maximum Low Level Input Voltage 3.0 1.5 0.9 0.9 VOUT = 0.1 V Input Voltage 4.5 2.25 1.35 1.35 V or VCC – 0.1 V 5.5 2.75 1.65 1.65 VOH Minimum High Level Output Voltage 3.0 2.99 2.9 2.9 IOUT = –50 µA Output Voltage 4.5 4.49 4.4 4.4 V 5.5 5.49 5.4 5.4 V *VIN = VIL or VIH 3.0 2.56 2.46 V –12 mA 4.5 3.86 3.76 V IOH –24 mA 5.5 4.86 4.76 –24 mA VOL Maximum Low Level Output Voltage 3.0 0.002 0.1 0.1 IOUT = 50 µA Output Voltage 4.5 0.001 0.1 0.1 V 5.5 0.001 0.1 0.1 V *VIN = VIL or VIH 3.0 0.36 0.44 V 12 mA 4.5 0.36 0.44 V IOL 24 mA 5.5 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 ±0.1 ±1.0 µA VI = VCC, GND Leakage Current 5.5 ±0.1 ±1.0 µA VI = VCC, GND IOLD †Minimum Dynamic Output Current 5.5 75 mA VOLD = 1.65 V Max IOHD Output Current 5.5 –75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 4.0 40 µA VIN = VCC or GND Supply Current 5.5 4.0 40 µA VIN = VCC or GND * All outputs loaded; thresholds on input associated with output under test. † Maximum test duration 2.0 ms, one output loaded at a time. Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC. AC CHARACTERISTICS (For Figures and Waveforms — See Section 3) Symbol Parameter VCC* (V) 74AC 74AC Unit Fig. No. Symbol Parameter VCC* (V) TA = +25°C CL = 50 pF TA = –40°C to +85 °C CL = 50 pF Unit Fig. No. Min Typ Max Min Max fmax Maximum Clock Frequency 3.3 100 125 95 MHz 3-3 fmax Frequency 5.0 140 160 125 MHz 3-3 tPLH Propagation Delay CDn or SDn to Qn or Qn 3.3 5.0 8.0 12.5 4.0 13.0 ns 3-6 tPLH CDn or SDn to Qn or Qn 5.0 3.5 6.0 9.0 3.0 10.0 ns 3-6 tPHL Propagation Delay CDn or SDn to Qn or Qn 3.3 4.0 10.5 12.0 3.5 13.5 ns 3-6 tPHL CDn or SDn to Qn or Qn 5.0 3.0 8.0 9.5 2.5 10.5 ns 3-6 tPLH Propagation Delay CPn to Qn or Qn 3.3 4.5 8.0 13.5 4.0 16.0 ns 3-6 tPLH CPn to Qn or Qn 5.0 3.5 6.0 10.0 3.0 10.5 ns 3-6 tPHL Propagation Delay CPn to Qn or Qn 3.3 3.5 8.0 14.0 3.5 14.5 ns 3-6 tPHL CPn to Qn or Qn 5.0 2.5 6.0 10.0 2.5 10.5 ns 3-6 * Voltage Range 3.3 V is 3.3 V ±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V. |
Podobny numer części - MC74AC74N |
|
Podobny opis - MC74AC74N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |