Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT373D Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC74ACT373D
Szczegółowy opis  OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT373D Arkusz danych(HTML) 7 Page - Motorola, Inc

  MC74ACT373D Datasheet HTML 1Page - Motorola, Inc MC74ACT373D Datasheet HTML 2Page - Motorola, Inc MC74ACT373D Datasheet HTML 3Page - Motorola, Inc MC74ACT373D Datasheet HTML 4Page - Motorola, Inc MC74ACT373D Datasheet HTML 5Page - Motorola, Inc MC74ACT373D Datasheet HTML 6Page - Motorola, Inc MC74ACT373D Datasheet HTML 7Page - Motorola, Inc MC74ACT373D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74AC373 MC74ACT373
5-7
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Dn to On
5.0
2.5
8.5
10
1.5
11.5
ns
3-5
tPLH
Dn to On
5.0
2.5
8.5
10
1.5
11.5
ns
3-5
tPHL
Propagation Delay
Dn to On
5.0
2.0
8.0
10
1.5
11.5
ns
3-5
tPHL
Dn to On
5.0
2.0
8.0
10
1.5
11.5
ns
3-5
tPLH
Propagation Delay
LE to On
5.0
2.5
8.5
11
2.0
11.5
ns
3-6
tPLH
LE to On
5.0
2.5
8.5
11
2.0
11.5
ns
3-6
tPHL
Propagation Delay
LE to On
5.0
2.0
8.0
10
1.5
11.5
ns
3-6
tPHL
LE to On
5.0
2.0
8.0
10
1.5
11.5
ns
3-6
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
3-7
tPZL
Output Enable Time
5.0
2.0
7.5
9.0
1.5
10.5
ns
3-8
tPHZ
Output Disable Time
5.0
2.5
9.0
11
2.5
12.5
ns
3-7
tPLZ
Output Disable Time
5.0
1.5
7.5
8.5
1.0
10
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to LE
5.0
3.0
7.0
8.0
ns
3-9
ts
Dn to LE
5.0
3.0
7.0
8.0
ns
3-9
th
Hold Time, HIGH or LOW
Dn to LE
5.0
0
0
1.0
ns
3-9
th
Dn to LE
5.0
0
0
1.0
ns
3-9
tw
LE Pulse Width, HIGH
5.0
2.0
2.0
8.0
ns
3-6
tw
LE Pulse Width, HIGH
5.0
2.0
2.0
8.0
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V


Podobny numer części - MC74ACT373D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT373DT ONSEMI-MC74ACT373DT Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74ACT373DTG ONSEMI-MC74ACT373DTG Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74ACT373DTG ONSEMI-MC74ACT373DTG Datasheet
104Kb / 10P
   Octal Transparent Latch with 3-State Outputs
February, 2015 ??Rev. 9
MC74ACT373DTR2 ONSEMI-MC74ACT373DTR2 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74ACT373DTR2G ONSEMI-MC74ACT373DTR2G Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Podobny opis - MC74ACT373D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com