Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT623DB Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVT623DB
Szczegółowy opis  3.3 V octal transceiver with dual enable 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT623DB Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT623DB Datasheet HTML 2Page - NXP Semiconductors 74LVT623DB Datasheet HTML 3Page - NXP Semiconductors 74LVT623DB Datasheet HTML 4Page - NXP Semiconductors 74LVT623DB Datasheet HTML 5Page - NXP Semiconductors 74LVT623DB Datasheet HTML 6Page - NXP Semiconductors 74LVT623DB Datasheet HTML 7Page - NXP Semiconductors 74LVT623DB Datasheet HTML 8Page - NXP Semiconductors 74LVT623DB Datasheet HTML 9Page - NXP Semiconductors 74LVT623DB Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT623
3.3 V octal transceiver with dual enable (3-State)
1999 Jul 09
6
TEST CIRCUIT AND WAVEFORM
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5 V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74LVT
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
6.0 V
RT
RL
SV00092
Open
GND
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6V
GND
Amplitude
Rep. Rate
tW
tR
tF
2.7 V
v10 MHz
500 ns
v2.5 ns v2.5 ns


Podobny numer części - 74LVT623DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

Podobny opis - 74LVT623DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com