Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC810 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC74AC810
Szczegółowy opis  QUAD 2-INPUT EXCLUSIVE-NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC810 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC74AC810 Datasheet HTML 1Page - Motorola, Inc MC74AC810 Datasheet HTML 2Page - Motorola, Inc MC74AC810 Datasheet HTML 3Page - Motorola, Inc MC74AC810 Datasheet HTML 4Page - Motorola, Inc MC74AC810 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
FACT DATA
Quad 2Input ExclusiveNOR Gate
• Outputs Source/Sink 24 mA
13
14
12
11
10
9
8
2
1
3
4
5
6
7
GND
VCC
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended
Operating Conditions.
MC74AC810
MC74ACT810
QUAD 2-INPUT
EXCLUSIVE-NOR GATE
N SUFFIX
CASE 646-06
PLASTIC
D SUFFIX
CASE 751A-03
PLASTIC


Podobny numer części - MC74AC810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC823 MOTOROLA-MC74AC823 Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74AC823DW MOTOROLA-MC74AC823DW Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74AC823N MOTOROLA-MC74AC823N Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
logo
ON Semiconductor
MC74AC86 ONSEMI-MC74AC86 Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
logo
Motorola, Inc
MC74AC86 MOTOROLA-MC74AC86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
More results

Podobny opis - MC74AC810

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
logo
Motorola, Inc
SN54LS266 MOTOROLA-SN54LS266 Datasheet
125Kb / 4P
   QUAD 2-INPUT EXCLUSIVE NOR GATE
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
   Quad 2-Input Exclusive NOR Gate
logo
NXP Semiconductors
74AC11810 PHILIPS-74AC11810 Datasheet
123Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
October 17 1990
logo
Nexperia B.V. All right...
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Intersil Corporation
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com