Zakładka z wyszukiwarką danych komponentów |
|
74LVTH244ADB Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LVTH244ADB Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 10 page Philips Semiconductors Product specification 74LVTH244A 3.3V Octal buffer/line driver (3-State) 1998 Oct 02 5 AC CHARACTERISTICS GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C. LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V ±0.3V VCC = 2.7V UNIT MIN TYP1 MAX MAX tPLH tPHL Propagation delay nAx to nYx 1 1.1 1.3 1.9 2.0 3.5 3.3 3.8 3.6 ns tPZH tPZL Output enable time to High and Low level 2 1.1 1.4 2.8 2.3 4.5 4.4 5.3 4.9 ns tPHZ tPLZ Output disable time from High and Low level 2 1.9 1.8 2.9 2.5 4.4 4.4 4.5 4.4 ns NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25°C. AC WAVEFORMS VM = 1.5V, VIN = GND to 2.7V nAx INPUT VM VM nYx OUTPUT VM VM tPLH tPHL SA00016 3.0V or VCC whichever is less 0V VOH VOL Waveform 1. Input (nAx) to Output (nYx) Propagation Delays OE INPUT tPZH tPHZ Yn OUTPUT VOH Yn OUTPUT VOL tPZL tPLZ 3.0V 0V VOL + 0.3V VOH – 0.3V 2.7V 1.5V 1.5V 1.5V 1.5V 0V SV00103 Waveform 2. 3-State Output Enable and Disable Times |
Podobny numer części - 74LVTH244ADB |
|
Podobny opis - 74LVTH244ADB |