Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3446 Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części 2SK3446
Szczegółowy opis  Silicon N Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3446 Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  2SK3446 Datasheet HTML 1Page - Renesas Technology Corp 2SK3446 Datasheet HTML 2Page - Renesas Technology Corp 2SK3446 Datasheet HTML 3Page - Renesas Technology Corp 2SK3446 Datasheet HTML 4Page - Renesas Technology Corp 2SK3446 Datasheet HTML 5Page - Renesas Technology Corp 2SK3446 Datasheet HTML 6Page - Renesas Technology Corp 2SK3446 Datasheet HTML 7Page - Renesas Technology Corp 2SK3446 Datasheet HTML 8Page - Renesas Technology Corp 2SK3446 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK3446
Rev.6, Jan. 2003, page 5 of 10
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
0.1
1
10
0.3
3
10
2
5
1
0.2
0.1
0.5
V
= 2.5 V
GS
Pulse Test
4 V
5
4
3
2
1
–25
0
25
50
75
100 125 150
0
ID = 1 A
0.5 A
0.2 A
VGS = 2.5 V
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
3
2
1
0
2
04
68
10
0.5 A
0.2 A
Pulse Test
I
= 1 A
D
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
0.01 0.03
0.1
0.3
1
3
10
10
1
3
0.3
0.03
0.1
0.01
DS
V
= 10 V
Pulse Test
25
°C
Tc = -25
°C
75
°C
0.5 A
0.2 A
Pulse Test
VGS = 4 V
I
= 1 A
D


Podobny numer części - 2SK3446

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK3446TZ-E RENESAS-2SK3446TZ-E Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_05 Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_15 Datasheet
101Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Podobny opis - 2SK3446

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com