Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1701JSTZ-RL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADAU1701JSTZ-RL
Szczegółowy opis  SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1701JSTZ-RL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADAU1701JSTZ-RL Datasheet HTML 2Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 3Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 4Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 5Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 6Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 7Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 8Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 9Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ADAU1701
Preliminary Technical Data
Rev. PrF | Page 6 of 43
tSIS
SDATA_INx Setup
To BCLK_IN rising
10
ns
tSIH
SDATA_INx Hold
From BCLK_IN rising
10
ns
tLOS
OUTPUT_LRCLK Setup
Slave mode
10
ns
tLOH
OUTPUT_LRCLK Hold
Slave mode
10
ns
tTS
OUTPUT_BCLK Falling to
OUTPUT_LRCLK Timing Skew
ns
tSODS
SDATA_OUTx Delay
Slave mode, from OUTPUT_BCLK falling
40
ns
tSODM
SDATA_OUTx Delay
Master mode, from OUTPUT_BCLK falling
40
ns
SPI PORT
tCCPL
CCLK Pulse Width LO
TBD
ns
tCCPH
CCLK Pulse Width HI
TBD
ns
tCLS
CLATCH Setup
To CCLK rising
TBD
ns
tCLH
CLATCH Hold
From CCLK rising
TBD
ns
tCLPH
CLATCH Pulse Width HI
TBD
ns
tCDS
CDATA Setup
To CCLK rising
TBD
ns
tCDH
CDATA Hold
From CCLK rising
TBD
ns
tCOD
COUT Delay
From CCLK rising
TBD
ns
I2C PORT
fSCL
SCL Clock Frequency
400
kHz
tSCLH
SCL High
0.6
μs
tSCLL
SCL Low
1.3
μs
tSCS
Setup Time
Relevant for Repeated Start Condition
0.6
μs
tSCH
Hold Time
After this period the 1st clock is generated
0.6
μs
tDS
Data Setup Time
100
ns
tSCR
SCL Rise Time
300
ns
tSCF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
tSDF
SDA Fall Time
300
ns
tBFT
Bus-Free Time
Between Stop and Start
0.6
MULTIPURPOSE PINS & RESET
tGRT
GPIO Rise Time
TBD
ns
tGFT
GPIO Fall Time
TBD
ns
tGIL
GPIO Input Latency
Until high/low value read by core
1.5 × 1/fs
μs
tRLPW
RESETB LO Pulse Width
20
ns
1 All timing specifications are given for the default (I2S) states of the serial input control port and the serial output control ports. See
Table 45.
PLL
Table 7.
Parameter
Min
Typ
Max
Unit
Operating Range
TBD
TBD
MHz
Lock Time
20
ms
REGULATOR1
Table 8.
Parameter
Min
Typ
Max
Unit
DVDD Voltage
1.8
V
1 Regulator specifications are calculated using an FZT953 transistor in the circuit.


Podobny numer części - ADAU1701JSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1701JSTZ-RL AD-ADAU1701JSTZ-RL Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Podobny opis - ADAU1701JSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com