Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1701JSTZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADAU1701JSTZ-RL
Szczegółowy opis  SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1701JSTZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADAU1701JSTZ-RL Datasheet HTML 7Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 8Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 9Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 10Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 11Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 12Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 13Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 14Page - Analog Devices ADAU1701JSTZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Preliminary Technical Data
ADAU1701
Rev. PrF | Page 11 of 43
DGND with a 100 nF capacitor.
14
D_IO
MP7
Multi-Purpose – GPIO or Serial output port data 1 (SDATA_OUT1)
15
D_IO
MP6
Multi-Purpose – GPIO, Serial output port data 0, or TDM data output
(SDATA_OUT0)
16
D_IO
MP10
Multi-Purpose – GPIO or Serial output port LRCLK (OUTPUT_LRCLK)
17
A_OUT
VDRIVE
Drive for 1.8 V regulator. The base of the voltage regulator’s external PNP
transistor is driven from VDRIVE.
18
PWR
IOVDD
Input and Output pins supply. The voltage on this pin sets the highest input
voltage that should be seen on the digital input pins. This pin is also the supply
for the digital output signals on the control port and MP pins. IOVDD should
always be set to 3.3 V. The current draw of this pin is variable because it is
dependant on the loads of the digital outputs.
19
D_IO
MP11
Multi-Purpose – GPIO or Serial output port BCLK (OUTPUT_BCLK)
20
D_IN
ADDR1/CDATA/WB
ADDR1: I2C Address 1, in combination with ADDR0 it will set the I2C address of
the IC. Four ADAU1701s to be used on the same I2C bus.
CDATA: SPI Data Input
WB: EEPROM Writeback trigger. A rising (default) or falling (if set in the EEPROM
messages) edge on this pin will trigger a write-back of the interface registers to
the external EEPROM. This function can be used to save parameter data on
power-down.
21
D_IN
CLATCH / WP
CLATCH: This SPI latch signal must go low at the beginning of an SPI transaction
and high at the end of a transaction. Each SPI transaction may take a different
number of CCLKs to complete, depending on the address and read/write bit that
are sent at the beginning of the SPI transaction.
WP: Self-boot EEPROM write protect. This pin is an open collector output when in
selfboot mode. The ADAU1701 will pull this low to prohibit writes to an external
EEPROM. This pin should be pulled high to 3.3 V.
22
D_IO
SDA/COUT
SDA: This I2C data pin is a bidirectional open collector. The line connected to this
pin should have a 2.2 kΩ pull-up resistor.
COUT: This SPI data output is used for reading back registers and memory
locations. It is three-stated when an SPI read is not active.
23
D_IO
SCL/CCLK
SCL: This I2C clock pin is always an open collector input when in I2C control mode.
In self-boot mode this pin will be an open collector output (I2C master). The line
connected to this pin should have a 2.2 kΩ pull-up resistor.
CCLK: This SPI clock may either run continuously or be gated off in between SPI
transactions.
24
PWR
DVDD
1.8 V Digital Supply. This can be supplied either externally or generated from a
3.3 V supply with the on-board 1.8 V regulator. DVDD should be decoupled to
DGND with a 100 nF capacitor.
25
PWR
DGND
DGND is a digital ground pin. The AGND, DGND, and PGND pins can be tied
directly together in a common ground plane. dGND should be decoupled to a
DVDD pin with a 100 nF capacitor.
26
D/A_IO
MP9
Multi-Purpose – GPIO, serial output port data 3 (SDATA_OUT3), or auxiliary ADC
input 0
27
D/A_IO
MP8
Multi-Purpose – GPIO, serial output port data 2 (SDATA_OUT2), or auxiliary ADC
input 3
28
D/A_IO
MP3
Multi-Purpose – GPIO, serial input port data 3 (SDATA_IN3), or auxiliary ADC
input 2
29
D/A_IO
MP2
Multi-Purpose – GPIO, serial input port data 2 (SDATA_IN2), or auxiliary ADC
input 1
30
X
RSVD
Reserved, tie to ground, either directly or through a pull-down resistor.
31
D_OUT
OSCO
OSCO is the output of the crystal oscillator circuit. A 100 Ω damping resistor
should be connected between this pin and the crystal. This output should not be
used to directly drive a clock to another IC. If the crystal oscillator is not used, this
pin can be left unconnected.
32
D_IN
MCLKI
MCLKI can either be connected to a 3.3 V clock signal or can be the input from
the crystal oscillator circuit.
33
PWR
PGND
PGND is the PLL ground pin. The AGND, DGND, and PGND pins can be tied
directly together in a common ground plane. PGND should be decoupled to


Podobny numer części - ADAU1701JSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1701JSTZ-RL AD-ADAU1701JSTZ-RL Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Podobny opis - ADAU1701JSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702 Datasheet
1Mb / 52P
   SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1702 AD-ADAU1702_15 Datasheet
897Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com