Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1986AJCPZ-RL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD1986AJCPZ-RL
Szczegółowy opis  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1986AJCPZ-RL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD1986AJCPZ-RL Datasheet HTML 6Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 7Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 8Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 9Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 10Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 11Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 12Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 13Page - Analog Devices AD1986AJCPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD1986A
Rev. 0 | Page 10 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTION
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD1986A
DVDD
AC97CK
GPO
DVSS
SDATA_OUT
BIT_CLK
DVSS
SDATA_IN
DVDD
SYNC
RESET
PCBEEP
SURR_OUT_R
SURR_OUT_L
AVDD
VREF_OUT (C/LFE)
LFE_OUT
CENTER_OUT
AVSS
VREF_OUT (LINE_IN)
VREF_OUT (MIC_1/2)
VREF_FILT
AVSS
AVDD
48 47 46 45 44
39 38 37
43 42 41 40
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
Figure 2. Pin Configuration
Table 16. Pin Function Descriptions
Mnemonic
Pin Number
Input/Ouput
Description
AC ’97CK
2
I
External Clock In (14.31818 MHz) for AC ’97 Operation. Clock or DVSS
must be stable before reset deasserts.
Tied to digital ground for HD audio operation.
SDATA_OUT
5
I
Link Serial Data Output. Input Stream.
BIT_CLK
6
I/O
Link Bit Clock, 12.288 MHz Serial Data Clock Output for AC ‘97, 24
MHz Input for HD Audio.
SDATA_IN
8
I/O
Link Serial Data Input. Output stream.
SYNC
10
I
Link Frame Sync.
RESET
11
I
Link Reset, Master Hardware Reset.
Table 17. Digital Input/Output
Mnemonic
Pin
Number
Input/
Output
Description
S/PDIF_OUT
48
O
S/PDIF Output.
EAPD
47
O
External Amplifier Power-Down Output. In HD audio mode this is part of LINE_OUT widget.
GPO
3
O
General-Purpose Output Pin. A digital signal that can be used to control external circuitry.
Table 18. Jack Sense
Mnemonic
Pin Number
Input/Ouput
Description
JACK_SENSE_A
16
I
JackSense 0–3 Input.
JACK_SENSE_B
17
I
Jack Sense 4–7 Input.


Podobny numer części - AD1986AJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Podobny opis - AD1986AJCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com