Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

O1-100-020K Arkusz danych(PDF) 1 Page - Chicago Miniature Lamp,inc

Numer części O1-100-020K
Szczegółowy opis  Cold Cathode Lamp Inverter Drive module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CML [Chicago Miniature Lamp,inc]
Strona internetowa  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

O1-100-020K Arkusz danych(HTML) 1 Page - Chicago Miniature Lamp,inc

  O1-100-020K Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type
Part No.
Cold Cathode Lamp Inverter Drive module
INV 10 (O1- 100-020K)
+
-
5VDC input
Connector system
JST XHP-2
CCFL output
Connector system
JST XHP-3
T1
L1
TR1
TR2
C2
C1
R1
R2
L70 x W20 x H15
Drawing not to scale
All dimensions in mm
CHARACTERISTIC DATA
Single Output suitable for CCFL length:
150 ~ 280 mm
Input Voltage
5.0VDC ± 0.5V
Input Current
850 mA maximum
No Load Output Voltage
1100V rms minimum, 1350V rms nominal
Lamp Output Voltage (VL)
550V rms nominal
Nominal Drive current (IL)
5 mA ± 1mA
Operating frequency (f)
39 ± 5 kHz
Operating temperature
0 ~ 50 ºC
Operating humidity
5 ~ 70% RH
Operating life
20,000 hours @ 5.5VDC
NOTES:
1.
The inverter module should be protected from moisture, condensation and freezing.
2.
Suitable screening may be necessary for electromagnetic compatibility and protection.
3.
The use of silicone rubber stranded wire is recommended for connecting the CFFL.
4.
Danger of electric shock.


Podobny numer części - O1-100-020K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OEN India Limited
O1-12-1AE OENINDIA-O1-12-1AE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O1-12-1ANIL OENINDIA-O1-12-1ANIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O1-12-1CE OENINDIA-O1-12-1CE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O1-12-1CNIL OENINDIA-O1-12-1CNIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O1-12-1UE OENINDIA-O1-12-1UE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
More results

Podobny opis - O1-100-020K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chicago Miniature Lamp,...
INV11 CML-INV11 Datasheet
63Kb / 1P
   Cold Cathode Lamp Inverter Drive module
INV6 CML-INV6 Datasheet
63Kb / 1P
   Cold Cathode Lamp Inverter Drive module
INV9 CML-INV9 Datasheet
69Kb / 1P
   Cold Cathode Lamp Inverter Drive module
INV1 CML-INV1 Datasheet
73Kb / 1P
   Cold Cathode Lamp Inverter Drive module
INV5 CML-INV5 Datasheet
297Kb / 1P
   Cold Cathode Lamp Inverter Drive module
INV8 CML-INV8 Datasheet
71Kb / 1P
   Cold Cathode Lamp Inverter Drive module
logo
Eaton All Rights Reserv...
CCFL EATON-CCFL Datasheet
562Kb / 6P
   Cold cathode fluorescent lamp inverter transformers
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com