Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG659YCP Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADG659YCP
Szczegółowy opis  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG659YCP Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADG659YCP Datasheet HTML 7Page - Analog Devices ADG659YCP Datasheet HTML 8Page - Analog Devices ADG659YCP Datasheet HTML 9Page - Analog Devices ADG659YCP Datasheet HTML 10Page - Analog Devices ADG659YCP Datasheet HTML 11Page - Analog Devices ADG659YCP Datasheet HTML 12Page - Analog Devices ADG659YCP Datasheet HTML 13Page - Analog Devices ADG659YCP Datasheet HTML 14Page - Analog Devices ADG659YCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG658/ADG659
Rev. A | Page 11 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADG659
TOP VIEW
(Not to Scale)
ADG658
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
VDD
S3
S2
S1
S4
A0
A1
A2
VDD
S3A
S2A
DA
S1A
S4A
A0
A1
S1B
S3B
DB
S4B
S2B
VSS
GND
S5
S7
D
S8
S6
VSS
GND
EN
EN
Figure 2. 16-Lead TSSOP/QSOP
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
D
S8
S6
S2
S1
S4
A0
ADG659
TOP VIEW
(Not to Scale)
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
DB
S4B
S2B
S2A
DA
S1A
S4A
ADG658
TOP VIEW
(Not to Scale)
EN
EN
EXPOSED PAD FLOATING
Figure 3. 4 mm x 4 mm LFCSP
Table 7. Functional Descriptions
Parameter
Description
VDD
Most Positive Power Supply Potential.
VSS
Most Negative Power Supply Potential.
IDD
Positive Supply Current.
ISS
Negative Supply Current.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
AX
Logic Control Input.
EN
Active Low Digital Input. When high, device is disabled and all switches are OFF. When low, AXlogic inputs determine ON
switch.
VD (VS)
Analog Voltage on Terminals D, S.
RON
Ohmic Resistance between D and S.
∆RON
On Resistance Match between Any Two Channels, i.e., RONmax − RONmin.
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of ON Resistance as measured over the
specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF.
ID (OFF)
Drain Leakage Current with the Switch OFF.
ID, IS (ON)
Channel Leakage Current with the Switch ON.
VINL
Maximum Input Voltage for Logic 0.
VINH
Minimum Input Voltage for Logic 1.
IINL (IINH)
Input Current of the Digital Input.
CS (OFF)
OFF Switch Source Capacitance. Measured with reference to ground.
CD (OFF)
OFF Switch Drain Capacitance. Measured with reference to ground.


Podobny numer części - ADG659YCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG659YCP AD-ADG659YCP Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG659YCPZ-REEL71 AD-ADG659YCPZ-REEL71 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG659YCPZ1 AD-ADG659YCPZ1 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results

Podobny opis - ADG659YCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com