Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG659YRQ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADG659YRQ-REEL7
Szczegółowy opis  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG659YRQ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADG659YRQ-REEL7 Datasheet HTML 1Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 2Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 3Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 4Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 5Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 6Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 7Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 8Page - Analog Devices ADG659YRQ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG658/ADG659
Rev. A | Page 5 of 20
SPECIFICATIONS: SINGLE SUPPLY 5V
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.1
Table 2.
Parameter
+25°C
B Version
−40°C
to +85°C
Y Version
−40°C
to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
VDD = 4.5 V, VSS = 0 V
On Resistance (RON)
85
Ω typ
VS = 0 V to 4.5 V, IS = 1 mA;
150
160
200
Ω max
Test Circuit 1
On Resistance Match between
4.5
Ω typ
VS = 3.5 V, IS = 1 mA
Channels (∆RON)
8
9
10
Ω max
On Resistance Flatness (RFLAT(ON))
13
14
16
Ω typ
VDD = 5 V, VSS = 0 V
VS = 1.5 V to 4 V, IS = 1 mA
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.005
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V;
±0.2
±5
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.005
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V;
ADG658
±0.2
±5
nA max
Test Circuit 3
ADG659
±0.1
±2.5
nA max
Channel ON Leakage ID, IS (ON)
±0.005
nA typ
VS = VD = 1 V or 4.5 V, Test Circuit 4
ADG658
±0.2
±5
nA max
ADG659
±0.1
±2.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS2
tTRANS
120
ns typ
RL = 300 Ω, CL = 35 pF
200
270
300
ns max
VS = 3 V; Test Circuit 5
tON (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
190
245
280
ns max
VS = 3 V; Test Circuit 7
tOFF (EN)
35
ns typ
RL = 300 Ω, CL = 35 pF
50
60
70
ns max
VS = 3 V; Test Circuit 7
Break-Before-Make Time Delay, tBBM
100
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3 V; Test Circuit 6
Charge Injection
0.5
pC typ
VS = 2.5 V, RS = 0 Ω, CL = 1 nF;
1
pC max
Test Circuit 8
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Test Circuit 9
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF; f = 1 MHz;
(ADG659)
Test Circuit 11
−3 dB Bandwidth
ADG658
180
MHz typ
RL = 50 Ω, CL = 5 pF;
ADG659
330
MHz typ
Test Circuit 10
CS (OFF)
5
pF typ
f = 1 MHz
CD (OFF)
ADG658
29
pF typ
f = 1 MHz
ADG659
15
pF typ
f = 1 MHz


Podobny numer części - ADG659YRQ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG659YRQ-REEL7 AD-ADG659YRQ-REEL7 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
More results

Podobny opis - ADG659YRQ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com