Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1D-120303D Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM1D-120303D
Szczegółowy opis  1 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-120303D Arkusz danych(HTML) 1 Page - AIMTEC

  AM1D-120303D Datasheet HTML 1Page - AIMTEC AM1D-120303D Datasheet HTML 2Page - AIMTEC AM1D-120303D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
14
TO ORDER CALL 1-888-9-AIMTEC
AM1D Series
1 watt dc-dc converters
7PIN SIP PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 80%
INPUT/OUTPUT ISOLATION: 1000, 3000, 4000 & 5200VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM1D series is a family of cost effective 1W single,
dual, dual separate output isolated DC-DC converters.
These converters achieve low cost and ultra-miniature
SIP7 pin size without compromising performance and
reliability.
Two hundred sixteen models operates from input voltages
of 5, 12 & 24VDC; producing output voltage levels of 3.3,
5, 7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18
& ±24VDC. Full SMD-design and a 100% production test
of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
MTBF: > 1,191,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000VDC (all models)
3000, 4000 & 5200VDC
(single/dual output)
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case Temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage
±10%
Filter
Capacitor
Output Specifications:
Voltage balance (dual output)
±1%
Voltage accuracy
±5%, max
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Momentary
Line voltage regulation
±1.2% / 1.0% of Vin
Load voltage regulation
±8%, load=20~100%
Temperature coefficient
±0.02%/°C, typ.
General Specifications:
Efficiency
65% to 80%
Switching frequency
125KHz, typ. 100% load
Physical Specifications:
Dimensions
19.50x6.00x10.00mm
0.76x0.24x0.39inches
Weight
2g
Case material
Non-conductive black
plastic
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
1000VDC
Single
Dual
Dual Separate
Single
Dual
+V Input
-V Input
-V Output
Omitted
+V Output
Omitted
+V Input
-V Input
-V Output
Common
+V Output
Omitted
+V Input
-V Input
+V1 Output
-V1 Output
+V2 Output
-V2 Output
+V Input
-V Input
Omitted
-V Output
Omitted
+V Output
+V Input
-V Input
Omitted
-V Output
Common
+V Output
1
2
4
5
6
7
3000, 4000 & 5200VDC


Podobny numer części - AM1D-120303D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1D-1203DZ AIMTEC-AM1D-1203DZ Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-1203SH30Z AIMTEC-AM1D-1203SH30Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-1203SH40Z AIMTEC-AM1D-1203SH40Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-1203SH52Z AIMTEC-AM1D-1203SH52Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1D-1203SH60Z AIMTEC-AM1D-1203SH60Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
More results

Podobny opis - AM1D-120303D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com