Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2530YCPZ-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADN2530YCPZ-REEL7
Szczegółowy opis  11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2530YCPZ-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADN2530YCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN2530YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN2530
Rev. A | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ALS Assert Time
2
μs
Rising edge of ALS to fall of IBIAS and IMOD
below 10% of nominal; see Figure 2
ALS Negate Time
10
μs
Falling edge of ALS to rise of IBIAS and IMOD
above 90% of nominal; see Figure 2
POWER SUPPLY
VCC
3.07
3.3
3.53
V
ICC7
27
32
mA
VBSET = VMSET = 0 V
ISUPPLY8
65
76
mA
VBSET = VMSET = 0 V
1 The voltage between the pin with the specified compliance voltage and GND.
2 Specified for TA = −40°C to +85°C due to test equipment limitation. See the Typical Performance Characteristics section for data on performance for TA = −40°C to +100°C.
3 The pattern used is composed of a repetitive sequence of eight 1s followed by eight 0s at 10.7 Gbps.
4 Measured using the high speed characterization circuit shown in Figure 3.
5 The pattern used is K28.5 (00111110101100000101) at 10.7 Gbps rate.
6 The pattern used is K28.5 (00111110101100000101) at 11.3 Gbps rate.
7 Only includes current in the ADN2530 VCC pins.
8 Includes current in ADN2530 VCC pins and dc current in IMODP and IMODN pull-up inductors. See the Power Consumption section for total supply current calculation.
PACKAGE THERMAL SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Conditions/Comments
θJ-TOP
65
72.2
79.4
°C/W
Thermal resistance from junction to top of package.
θJ-PAD
2.6
5.8
10.7
°C/W
Thermal resistance from junction to bottom of exposed pad.
IC Junction Temperature
125
°C
90%
10%
ALS
IBIAS
AND IMOD
ALS
ASSERT TIME
ALS
NEGATE TIME
t
t
Figure 2. ALS Timing Diagram
MSET CPA
ALS
GND
BSET IBMON IBIAS GND
VCC
IMODP
IMODN
VCC
J8
J5
VEE
VEE
TP1
10nF
ADN2530
10
μF
VEE
GND
GND
GND
GND
GND
GND
GND
GND
GND
50
Ω
50
Ω
OSCILLOSCOPE
BIAS TEE: PICOSECOND PULSE LABS MODEL 5542-219
ADAPTER: PASTERNACK PE-9436 2.92mm FEMALE-TO-FEMALE ADAPTER
ATTENUATOR: PASTERNACK PE-7046 2.92mm 10dB ATTENUATOR
DC-BLOCK: AGILENT BLOCKING CAPACITOR 11742A
ADAPTER
VBSET
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
Z0 = 50Ω
750
Ω
VEE
VEE
VMSET
GND
GND
GND
VEE
VCPA
TP2
10
Ω
10nF
GND
VEE
J2
GND
GND
GND
GND
VCC
VCC
DATAN
DATAP
GND
GND
GND
J3
GND
GND
BIAS TEE
BIAS TEE
ADAPTER
ATTENUATOR
ATTENUATOR
DC-BLOCK
DC-BLOCK
Figure 3. High Speed Characterization Circuit


Podobny numer części - ADN2530YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
More results

Podobny opis - ADN2530YCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com