Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1062ASU Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM1062ASU
Szczegółowy opis  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1062ASU Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM1062ASU Datasheet HTML 4Page - Analog Devices ADM1062ASU Datasheet HTML 5Page - Analog Devices ADM1062ASU Datasheet HTML 6Page - Analog Devices ADM1062ASU Datasheet HTML 7Page - Analog Devices ADM1062ASU Datasheet HTML 8Page - Analog Devices ADM1062ASU Datasheet HTML 9Page - Analog Devices ADM1062ASU Datasheet HTML 10Page - Analog Devices ADM1062ASU Datasheet HTML 11Page - Analog Devices ADM1062ASU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADM1062
Preliminary Technical Data
Rev. PrJ | Page 8 of 32
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3. LFCSP Pin Configuration
Figure 4. TQFP Pin Configuration
Table 2. Pin Functional Descriptions
Pin Number
LFCSP
TQFP
Mnemonic
Description
1
NC
No connection.
1–5
2-6
VX1–5
High impedance inputs to supply fault detectors. Fault thresholds can be set at between
0.573V and 1.375V. Alternatively these pins can be used as general purpose digital inputs.
6–9
7-10
VP1–4
Low voltage inputs to supply fault detectors. Three input ranges can be set by altering the
input attenuation on a potential divider connected to these pins, the output of which connects
to a supply fault detector; these allow thresholds between 2.5V-6V, 1.25V-3V and 0.573V-
1.375V.
10
11
VH
High voltage input to supply fault detectors. Three input ranges can be set by altering the
input attenuation on a potential divider connected to this pin, the output of which connects to
a supply fault detector; these allow thresholds between 6V-14.4V,2.5V-6V and 1.25V-3V.
12-13
NC
No connection.
11
14
AGND
Ground return for input attenuators.
12
15
REFGND
Ground return for on-chip reference circuits.
13
16
REFIN
Reference input for ADC, nominally 2.048V.
14
17
REFOUT
2.048V reference output.
15–20
18-23
DAC1–6
Voltage output DACs. Default to high impedance at power-up.
24-25
NC
No connection.
21–30
26-35
PDO10–1
Programmable output drivers.
36-37
NC
No connection.
31
38
PDOGND
Ground return for output drivers
32
39
VCCP
Central charge pump voltage of 5.25V. A reservoir capacitor must be connected between this
pin and GND.
33
40
A0
Logic input which sets the 7th bit of the SMBus interface address.
34
41
A1
Logic input which sets the 6th bit of the SMBus interface address.
35
42
SCL
SMBus clock pin. Open drain output requiring external resistive pull-up.
36
43
SDA
SMBus data i/o pin. Open drain output requiring external resistive pull-up.
37
44
DN
External Thermal Diode Cathode Connection
38
45
DP
External Thermal Diode Anode Connection
39
46
VDDCAP
Device supply voltage. Linearly regulated from the highest of the VP1-4,VH pins and clamped
to a maximum of 4.75V
40
47
GND
Supply ground.
48
NC
No connection.


Podobny numer części - ADM1062ASU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1062ASUZ AD-ADM1062ASUZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ASUZ-REEL7 AD-ADM1062ASUZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results

Podobny opis - ADM1062ASU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com