Zakładka z wyszukiwarką danych komponentów |
|
BDW93B Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions |
|
BDW93B Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page BDW93, BDW93A, BDW93B, BDW93C NPN SILICON POWER DARLINGTONS P R O D UCT INFORMA TION 1 SEPTEMBER 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. ● Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C ● 80 W at 25°C Case Temperature ● 12 A Continuous Collector Current ● Minimum hFE of 750 at 3V, 5 A absolute maximum ratings at 25°C case temperature (unless otherwise noted) NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.64 W/°C. 2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C. RATING SYMBOL VALUE UNIT Collector-base voltage (IE = 0) BDW93 BDW93A BDW93B BDW93C VCBO 45 60 80 100 V Collector-emitter voltage (IB = 0) BDW93 BDW93A BDW93B BDW93C VCEO 45 60 80 100 V Emitter-base voltage VEBO 5V Continuous collector current IC 12 A Continuous base current IB 0.3 A Continuous device dissipation at (or below) 25°C case temperature (see Note 1) Ptot 80 W Continuous device dissipation at (or below) 25°C free air temperature (see Note 2) Ptot 2W Operating junction temperature range Tj -65 to +150 °C Storage temperature range Tstg -65 to +150 °C Operating free-air temperature range TA -65 to +150 °C B C E TO-220 PACKAGE (TOP VIEW) Pin 2 is in electrical contact with the mounting base. MDTRACA 1 2 3 |
Podobny numer części - BDW93B |
|
Podobny opis - BDW93B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |