Zakładka z wyszukiwarką danych komponentów |
|
BDW93B Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
BDW93B Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page BDW93, BDW93A, BDW93B, BDW93C NPN SILICON POWER DARLINGTONS 2 PRODU CT INFORMA TION SEPTEMBER 1993 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%. 4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. electrical characteristics at 25°C case temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC = 100 mA IB = 0 (see Note 3) BDW93 BDW93A BDW93B BDW93C 45 60 80 100 V ICEO Collector-emitter cut-off current VCB = 40 V VCB = 60 V VCB = 80 V VCB = 80 V IB =0 IB =0 IB =0 IB =0 BDW93 BDW93A BDW93B BDW93C 1 1 1 1 mA ICBO Collector cut-off current VCB = 45 V VCB = 60 V VCB = 80 V VCB = 100 V VCB = 45 V VCB = 60 V VCB = 80 V VCB = 100 V IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 TC = 150°C TC = 150°C TC = 150°C TC = 150°C BDW93 BDW93A BDW93B BDW93C BDW93 BDW93A BDW93B BDW93C 0.1 0.1 0.1 0.1 5 5 5 5 mA IEBO Emitter cut-off current VEB = 5 V IC =0 2 mA hFE Forward current transfer ratio VCE = 3 V VCE = 3 V VCE = 3 V IC = 3 A IC = 10 A IC = 5 A (see Notes 3 and 4) 1000 100 750 20000 VCE(sat) Collector-emitter saturation voltage IB = 20 mA IB = 100 mA IC = 5 A IC = 10 A (see Notes 3 and 4) 2 3 V VBE(sat) Base-emitter saturation voltage IB = 20 mA IB = 100 mA IC = 5 A IC = 10 A (see Notes 3 and 4) 2.5 4 V VEC Parallel diode forward voltage IE = 5 A IE = 10 A IB = 0 IB = 0 2 4 V thermal characteristics PARAMETER MIN TYP MAX UNIT RθJC Junction to case thermal resistance 1.56 °C/W RθJA Junction to free air thermal resistance 62.5 °C/W |
Podobny numer części - BDW93B |
|
Podobny opis - BDW93B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |