Zakładka z wyszukiwarką danych komponentów |
|
BDW84C Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
BDW84C Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page BDW84, BDW84A, BDW84B, BDW84C, BDW84D PNP SILICON POWER DARLINGTONS 2 PRODU CT INFORMA TION AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. † Voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25°C case temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT V(BR)CEO Collector-emitter breakdown voltage IC = -30 mA IB = 0 (see Note 5) BDW84 BDW84A BDW84B BDW84C BDW84D -45 -60 -80 -100 -120 V ICEO Collector-emitter cut-off current VCE = -30 V VCE = -30 V VCE = -40 V VCE = -50 V VCE = -60 V IB =0 IB =0 IB =0 IB =0 IB =0 BDW84 BDW84A BDW84B BDW84C BDW84D -1 -1 -1 -1 -1 mA ICBO Collector cut-off current VCB = -45 V VCB = -60 V VCB = -80 V VCB = -100 V VCB = -120 V VCB = -45 V VCB = -60 V VCB = -80 V VCB = -100 V VCB = -120 V IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 IE =0 TC = 150°C TC = 150°C TC = 150°C TC = 150°C TC = 150°C BDW84 BDW84A BDW84B BDW84C BDW84D BDW84 BDW84A BDW84B BDW84C BDW84D -0.5 -0.5 -0.5 -0.5 -0.5 -5 -5 -5 -5 -5 mA IEBO Emitter cut-off current VEB = -5 V IC =0 -2 mA hFE Forward current transfer ratio VCE = -3 V VCE = -3 V IC = -6 A IC =-15 A (see Notes 5 and 6) 750 100 20000 VBE(on) Base-emitter voltage VCE = -3 V IC = -6 A (see Notes 5 and 6) -2.5 V VCE(sat) Collector-emitter saturation voltage IB = -12 mA IB = -150 mA IC = -6 A IC =-15 A (see Notes 5 and 6) -2.5 -4 V VEC Parallel diode forward voltage IE = -15 A IB = 0 -3.5 V thermal characteristics PARAMETER MIN TYP MAX UNIT RθJC Junction to case thermal resistance 0.83 °C/W RθJA Junction to free air thermal resistance 35.7 °C/W resistive-load-switching characteristics at 25°C case temperature PARAMETER TEST CONDITIONS † MIN TYP MAX UNIT ton Turn-on time IC = -10 A VBE(off) = 4.2 V IB(on) = -40 mA RL = 3 Ω IB(off) = 40 mA tp = 20 µs, dc ≤ 2% 0.9 µs toff Turn-off time 7µs |
Podobny numer części - BDW84C |
|
Podobny opis - BDW84C |