Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM5T-2412D-N Arkusz danych(PDF) 3 Page - AIMTEC

Numer części AM5T-2412D-N
Szczegółowy opis  5 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-2412D-N Arkusz danych(HTML) 3 Page - AIMTEC

  AM5T-2412D-N Datasheet HTML 1Page - AIMTEC AM5T-2412D-N Datasheet HTML 2Page - AIMTEC AM5T-2412D-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM5T-N Series
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM5T-1205D-N
AM5T-1212D-N
AM5T-1215D-N
AM5T-1224D-N
AM5T-2405D-N
AM5T-2412D-N
AM5T-2415D-N
AM5T-2424D-N
AM5T-4805D-N
AM5T-4812D-N
AM5T-4815D-N
AM5T-4824D-N
±5VDC
±12VDC
±15VDC
±24VDC
±5VDC
±12VDC
±15VDC
±24VDC
±5VDC
±12VDC
±15VDC
±24VDC
±500mA
±210mA
±165mA
±100mA
±500mA
±210mA
±165mA
±100mA
±500mA
±210mA
±165mA
±100mA
9-18VDC
18-36VDC
36-72VDC
MODELS
Dual Output
APPLICATION NOTE
Recommended Circuit
All of our AM5T-N Series have been tested according to the following
recommended testing circuit before leaving our factory. This series should be
tested under load & never be tested under no load (See Figure 1).
If you want to further decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with a low ESR. However, the
capacitance should not be too high.(See table 1).
Input Current
When it is used in an unregulated power supply, be sure that the fluctuating
range of the power supply and the rippled voltage do not exceed the module
standard. Input current of power supply should afford the startup current of
this kind of DC/DC module. (See figure 2)
External Capacitor
Although this series of DC/DC converters can work without an external
capacitor, it is highly recommended to use one in order to keep an optimum
performance. (See Table 1)
Requirement on Output Load
To ensure this module operate efficiently and reliably, a minimum load is
specified for this kind of DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the specified range of input
voltage is not exceeded, the minimum out put load is not less than 10% Of
the full load, and that this product should never be operated under no load!!!
If the actual load is less below the specified minimum load, the output ripple
of this type of DC/DC converter will increase drastically and at the same time
efficiency & reliability of the circuit will decrease deeply .If the actual output
power from the load in your circuit is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or
use our company’s other products with a lower rated output power.
External Capacitor Table
Single & Dual Outputs
Figure 2 - Single & Dual Outputs
Vin
Cin
Vout
Cout
12V
100uF
5V
100uF each
1A Current
24V
100uF
12V
48V
100uF
15V
-
-
24V
Figure 1 - Single Output
Figure 1 - Dual Output


Podobny numer części - AM5T-2412D-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM5T-2412D-VZ AIMTEC-AM5T-2412D-VZ Datasheet
486Kb / 4P
   5 Watt | DC-DC Converter
AM5T-2412D-VZ AIMTEC-AM5T-2412D-VZ Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
More results

Podobny opis - AM5T-2412D-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com