Zakładka z wyszukiwarką danych komponentów |
|
BDW54A Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions |
|
BDW54A Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page BDW54, BDW54A, BDW54B, BDW54C, BDW54D PNP SILICON POWER DARLINGTONS P R O D UCT INFORMA TION 1 AUGUST 1978 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. ● Designed for Complementary Use with BDW53, BDW53A, BDW53B, BDW53C and BDW53D ● 40 W at 25°C Case Temperature ● 4 A Continuous Collector Current ● Minimum hFE of 750 at 3V, 1.5 A B C E TO-220 PACKAGE (TOP VIEW) Pin 2 is in electrical contact with the mounting base. MDTRACA 1 2 3 absolute maximum ratings at 25°C case temperature (unless otherwise noted) NOTES: 1. These values apply when the base-emitter diode is open circuited. 2. Derate linearly to 150°C case temperature at the rate of 0.32 W/°C. 3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C. 4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 Ω, VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V. RATING SYMBOL VALUE UNIT Collector-base voltage (IE = 0) BDW54 BDW54A BDW54B BDW54C BDW54D VCBO -45 -60 -80 -100 -120 V Collector-emitter voltage (IB = 0) (see Note 1) BDW54 BDW54A BDW54B BDW54C BDW54D VCEO -45 -60 -80 -100 -120 V Emitter-base voltage VEBO -5 V Continuous collector current IC -4 A Continuous base current IB -50 mA Continuous device dissipation at (or below) 25°C case temperature (see Note 2) Ptot 40 W Continuous device dissipation at (or below) 25°C free air temperature (see Note 3) Ptot 2W Unclamped inductive load energy (see Note 4) ½LIC 2 25 mJ Operating junction temperature range Tj -65 to +150 °C Operating temperature range Tstg -65 to +150 °C Operating free-air temperature range TA -65 to +150 °C |
Podobny numer części - BDW54A |
|
Podobny opis - BDW54A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |