Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW54D Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części BDW54D
Szczegółowy opis  PNP SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW54D Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  BDW54D Datasheet HTML 1Page - Bourns Electronic Solutions BDW54D Datasheet HTML 2Page - Bourns Electronic Solutions BDW54D Datasheet HTML 3Page - Bourns Electronic Solutions BDW54D Datasheet HTML 4Page - Bourns Electronic Solutions BDW54D Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BDW54, BDW54A, BDW54B, BDW54C, BDW54D
PNP SILICON POWER DARLINGTONS
P R O D UCT
INFORMA TION
1
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with
BDW53, BDW53A, BDW53B, BDW53C and
BDW53D
40 W at 25°C Case Temperature
4 A Continuous Collector Current
Minimum hFE of 750 at 3V, 1.5 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. These values apply when the base-emitter diode is open circuited.
2. Derate linearly to 150°C case temperature at the rate of 0.32 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDW54
BDW54A
BDW54B
BDW54C
BDW54D
VCBO
-45
-60
-80
-100
-120
V
Collector-emitter voltage (IB = 0) (see Note 1)
BDW54
BDW54A
BDW54B
BDW54C
BDW54D
VCEO
-45
-60
-80
-100
-120
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-4
A
Continuous base current
IB
-50
mA
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
40
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Unclamped inductive load energy (see Note 4)
½LIC
2
25
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Operating temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C


Podobny numer części - BDW54D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW54D POINN-BDW54D Datasheet
163Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW54D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com