Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC636-16 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BC636-16
Szczegółowy opis  PNP medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC636-16 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BC636-16 Datasheet HTML 1Page - NXP Semiconductors BC636-16 Datasheet HTML 2Page - NXP Semiconductors BC636-16 Datasheet HTML 3Page - NXP Semiconductors BC636-16 Datasheet HTML 4Page - NXP Semiconductors BC636-16 Datasheet HTML 5Page - NXP Semiconductors BC636-16 Datasheet HTML 6Page - NXP Semiconductors BC636-16 Datasheet HTML 7Page - NXP Semiconductors BC636-16 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 23
3
Philips Semiconductors
Product specification
PNP medium power transistors
BC636; BC638; BC640
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−100
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−100
nA
hFE
DC current gain
VCE = −2 V; see Fig.2
IC = −5mA
40
IC = −150 mA
63
250
IC = −500 mA
25
DC current gain
IC = −150 mA; VCE = −2 V; see Fig.2
BC636-10
63
160
BC636-16; BC638-16; BC640-16
100
250
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−−0.5
V
VBE
base-emitter voltage
IC = −500 mA; VCE = −2V
−−1V
fT
transition frequency
IC = −50 mA; VCE = −5 V; f = 100 MHz 100
MHz
DC current gain ratio of the
complementary pairs
I
C = 150 mA; VCE =2V
1.6
h
FE1
h
FE2
-----------


Podobny numer części - BC636-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC636-16 ONSEMI-BC636-16 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
logo
Micro Commercial Compon...
BC636-16 MCC-BC636-16 Datasheet
367Kb / 2P
   PNP Epitaxial Silicon Transistors
BC636-16 MCC-BC636-16 Datasheet
407Kb / 2P
   PNP Epitaxial Silicon Transistors
logo
ON Semiconductor
BC636-16ZL1 ONSEMI-BC636-16ZL1 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
More results

Podobny opis - BC636-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com