Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX54A Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części BDX54A
Szczegółowy opis  PNP SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDX54A Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  BDX54A Datasheet HTML 1Page - Bourns Electronic Solutions BDX54A Datasheet HTML 2Page - Bourns Electronic Solutions BDX54A Datasheet HTML 3Page - Bourns Electronic Solutions BDX54A Datasheet HTML 4Page - Bourns Electronic Solutions BDX54A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BDX54, BDX54A, BDX54B, BDX54C
PNP SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -100 mA
IB = 0
(see Note 3)
BDX54
BDX54A
BDX54B
BDX54C
-45
-60
-80
-100
V
ICEO
Collector-emitter
cut-off current
VCE = -30 V
VCE = -30 V
VCE = -40 V
VCE = -50 V
IB =0
IB =0
IB =0
IB =0
BDX54
BDX54A
BDX54B
BDX54C
-0.5
-0.5
-0.5
-0.5
mA
ICBO
Collector cut-off
current
VCB = -45 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
IE =0
IE =0
IE =0
IE =0
BDX54
BDX54A
BDX54B
BDX54C
-0.2
-0.2
-0.2
-0.2
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC =0
-2
mA
hFE
Forward current
transfer ratio
VCE =
-3 V
IC = -3 A
(see Notes 3 and 4)
750
VBE(sat)
Base-emitter
saturation voltage
IB = -12 mA
IC = -3 A
(see Notes 3 and 4)
-2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB = -12 mA
IC = -3 A
(see Notes 3 and 4)
-2
V
VEC
Parallel diode
forward voltage
IE =
-3 A
IB = 0
-2.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
2.08
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = -3 A
VBE(off) = 4.2 V
IB(on) = -12 mA
RL = 10 Ω
IB(off) = 12 mA
tp = 20 µs, dc ≤ 2%
1µs
toff
Turn-off time
5µs


Podobny numer części - BDX54A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDX54A MOSPEC-BDX54A Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Power Innovations Ltd
BDX54A POINN-BDX54A Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDX54A TRSYS-BDX54A Datasheet
718Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX54A FAIRCHILD-BDX54A Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
TRANSYS Electronics Lim...
BDX54A TEL-BDX54A Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
More results

Podobny opis - BDX54A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com