Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC846AT Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BC846AT
Szczegółowy opis  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC846AT Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BC846AT Datasheet HTML 1Page - NXP Semiconductors BC846AT Datasheet HTML 2Page - NXP Semiconductors BC846AT Datasheet HTML 3Page - NXP Semiconductors BC846AT Datasheet HTML 4Page - NXP Semiconductors BC846AT Datasheet HTML 5Page - NXP Semiconductors BC846AT Datasheet HTML 6Page - NXP Semiconductors BC846AT Datasheet HTML 7Page - NXP Semiconductors BC846AT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 26
3
Philips Semiconductors
Preliminary specification
NPN general purpose transistors
BC846T; BC847T
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−−
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
−−
5
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 2 mA; VCE =5V
BC846AT; BC847AT
110
220
BC846BT; BC847BT
200
450
BC847CT
420
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
−−
200
mV
IC = 100 mA; IB = 5 mA; note 1
−−
400
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V
580
700
mV
IC = 10 mA; VCE =5V
−−
770
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
1.5
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz −
11
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−−
10
dB


Podobny numer części - BC846AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BC846AT INFINEON-BC846AT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
logo
Central Semiconductor C...
BC846AT CENTRAL-BC846AT Datasheet
358Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Podobny opis - BC846AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com