Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU426 Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części BU426
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BU426 Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  BU426 Datasheet HTML 1Page - Bourns Electronic Solutions BU426 Datasheet HTML 2Page - Bourns Electronic Solutions BU426 Datasheet HTML 3Page - Bourns Electronic Solutions BU426 Datasheet HTML 4Page - Bourns Electronic Solutions BU426 Datasheet HTML 5Page - Bourns Electronic Solutions BU426 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BU426, BU426A
NPN SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Rugged Triple-Diffused Planar Construction
900 Volt Blocking Capability
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 2 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BU426
BU426A
VCBO
800
900
V
Collector-emitter voltage (VBE = 0)
BU426
BU426A
VCES
800
900
V
Collector-emitter voltage (IB = 0)
BU426
BU426A
VCEO
375
400
V
Continuous collector current
IC
6A
Peak collector current (see Note 1)
ICM
10
A
Continuous base current
IB
+2, -0.1
A
Peak base current (see Note 1)
IBM
±3
A
Continuous device dissipation at (or below) 50°C case temperature
Ptot
70
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAAA
B
C
E
1
2
3


Podobny numer części - BU426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Power Innovations Ltd
BU426 POINN-BU426 Datasheet
131Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU426 STMICROELECTRONICS-BU426 Datasheet
49Kb / 2P
   HIGH VOLTAGE POWER SWITCH
logo
Transys Electronics
BU426 TRSYS-BU426 Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU426 SIEMENS-BU426 Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - BU426

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com