Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW24C Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions

Numer części BDW24C
Szczegółowy opis  PNP SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW24C Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions

  BDW24C Datasheet HTML 1Page - Bourns Electronic Solutions BDW24C Datasheet HTML 2Page - Bourns Electronic Solutions BDW24C Datasheet HTML 3Page - Bourns Electronic Solutions BDW24C Datasheet HTML 4Page - Bourns Electronic Solutions BDW24C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDW24, BDW24A, BDW24B, BDW24C
PNP SILICON POWER DARLINGTONS
3
P R O D UCT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
40000
100
1000
10000
TCS125AD
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
-3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-2·0
-1·5
-1·0
-0·5
0
TCS125AE
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-3·0
-2·0
-2·5
-1·0
-1·5
-0·5
TCS125AF
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Podobny numer części - BDW24C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW24C POINN-BDW24C Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW24C FAIRCHILD-BDW24C Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Inchange Semiconductor ...
BDW24C ISC-BDW24C Datasheet
120Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW24C NJSEMI-BDW24C Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Podobny opis - BDW24C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com