Zakładka z wyszukiwarką danych komponentów |
|
AD8368 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD8368 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 20 page AD8368 Rev. 0 | Page 6 of 20 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 18 ICOM 1 GAIN 24 23 22 21 20 19 7 8 9 101112 17 ICOM 2 DETO 16 ICOM 3 HPFL 15 DECL 4 DECL 14 DECL 5 DETI 13 VPSI 6 OCOM AD8368 TOP VIEW (Not to Scale) Figure 2. AD8368 24-Lead LFCSP Pin Out Table 4. Pin Function Descriptions Pin No. Name Function 1 GAIN Gain Control. 2 DETO Detector Output. Provides an output error current for the AGC function. 3 HPFL High-Pass Filter Connection. A capacitor to ground sets the corner frequency of the internal output offset control loop which controls the minimum usable input frequency. 4, 14, 15 DECL Decoupling Pin. Nominally ~VS/2. Decoupling capacitance may need to be adjusted for AGC operation (see the Applications section). 5 DETI Detector Input. DC level referenced to DECL pin. 6, 7 OCOM Connect OCOM to low impedance ground. 16, 17, 18, 20 ICOM Connect ICOM to low impedance ground. 8 OUTP Signal Output. Must be ac-coupled. 9, 10 VPSO Positive Supply Voltage, 4.5 V to 5.5 V. VPSO and VPSI must be connected together externally and properly bypassed. VPSI 11, 12, 13, 22, 23 Positive Supply Voltage, 4.5 V to 5.5 V. VPSO and VPSI must be connected together externally and properly bypassed. 19 INPT Signal Input. Must be ac-coupled. 21 MODE Gain Direction Control. HIGH for positive slope. LOW for negative slope. 24 ENBL Apply a positive voltage (2.5V ≤ V ENBL ≤ VPSI ) to activate device. |
Podobny numer części - AD8368 |
|
Podobny opis - AD8368 |