Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8397ARZ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8397ARZ-REEL
Szczegółowy opis  Rail-to-Rail, High Output Current Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8397ARZ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8397ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8397ARZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8397
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
100
80
60
–100
–80
–60
–40
–20
0
20
40
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
VOUT
VIN
Figure 5. Small Signal Pulse Response (G = +1, VS = ±5 V, RL = 25 Ω)
5
–1
0
1
2
3
4
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
TIME (
µs)
VIN
VOUT
Figure 6. Large Signal Pulse Response (0 V to 4 V, VS = ±5 V, RL = 25 Ω)
3.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
6
–2
–1
0
1
2
3
4
5
0
40
80
120
160
200
240
280
320
360
400
TIME (ns)
VIN
VOUT
Figure 7. Output Overdrive Recovery
(VS = ±5 V, Gain = +2, RL = 25 Ω)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
FREQUENCY (MHz)
OUT 1
OUT 2
Figure 8. Common-Mode Rejection vs. Frequency
(VS = ±5 V, RL = 25 Ω)
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
FREQUENCY (MHz)
OUT 1
OUT 2
Figure 9. Output-to-Output Crosstalk vs. Frequency
(VS = ±5 V, VO = 1 V p-p, RL = 25 Ω)
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
0.1
1
10
FREQUENCY (MHz)
VO = 100mV p-p
Figure 10. 0.1 dB Flatness
(VS = ±5 V, VO = 0.1 V p-p, Gain = +1, RL = 25 Ω)


Podobny numer części - AD8397ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
More results

Podobny opis - AD8397ARZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
   Rail-to-rail High Output Current Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com