Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3123 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG3123
Szczegółowy opis  8-Channel CMOS Logic to High Voltage Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3123 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG3123 Datasheet HTML 4Page - Analog Devices ADG3123 Datasheet HTML 5Page - Analog Devices ADG3123 Datasheet HTML 6Page - Analog Devices ADG3123 Datasheet HTML 7Page - Analog Devices ADG3123 Datasheet HTML 8Page - Analog Devices ADG3123 Datasheet HTML 9Page - Analog Devices ADG3123 Datasheet HTML 10Page - Analog Devices ADG3123 Datasheet HTML 11Page - Analog Devices ADG3123 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG3123
Rev. A | Page 9 of 12
TERMINOLOGY
VIH
Logic input high voltage at Pin A1 to Pin A8.
VIL
Logic input low voltage at Pin A1 to Pin A8.
IIL
Leakage current at Pin A1 to Pin A8.
CI
Capacitance measured at Pin A1 to Pin A8.
VOH
Logic output high voltage at Pin Y1 to Pin Y8.
VOL
Logic output low voltage at Pin Y1 to Pin Y8.
Ro
Output impedance.
tPLH
Propagation delay through the part measured between the input
signal applied to any one channel and its corresponding output
for a low-to-high transition (see Figure 2).
tPHL
Propagation delay through the part measured between the input
signal applied to any one channel and its corresponding output
for a high-to-low transition (see Figure 2).
tR
Rise time of the output signal at Pin Y1 to Pin Y8 (see Figure 2).
tF
Fall time of the output signal at the Pin Y1 to Pin Y8
(see Figure 2).
FO
Frequency of the signal applied to the A1 to A8 input pins.
VDDA
Input voltage used to generate the high logic levels for Y1 to Y6
outputs.
VDDB
Positive power supply voltage. Also used to generate the high
logic levels for Y7 to Y8 outputs.
VSS
Negative power supply voltage. It is used to generate the low
logic level for Y1 to Y8 outputs.
GND
Ground (0 V) reference.
IDDA
Supply current at the VDDA pin.
IDDB
Supply current at the VDDB pin.
ISS
Supply current at the VSS pin.


Podobny numer części - ADG3123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3123 AD-ADG3123 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123BRUZ AD-ADG3123BRUZ Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123BRUZ-REEL7 AD-ADG3123BRUZ-REEL7 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. B
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
More results

Podobny opis - ADG3123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123 AD-ADG3123_15 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. B
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
   8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Automotive 8-Channel Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
   Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
MAX14595 MAXIM-MAX14595 Datasheet
1Mb / 11P
   Low-Power Dual-Channel Logic-Level Translator
Rev 0; 12/11
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com