Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8328IB Arkusz danych(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS8328IB
Szczegółowy opis  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8328IB Arkusz danych(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS8328IB Datasheet HTML 6Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 7Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 8Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 9Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 10Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 11Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 12Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 13Page - Burr-Brown (TI) ADS8328IB Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
www.ti.com
ADS8327
ADS8328
SLAS415A – APRIL 2006 – REVISED MAY 2006
ADS8327 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
TSSOP
AGND
5
Analog ground
BDGND
14
Interface ground
CONVST
9
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in progress.
If programmed as an interrupt (INT), this pin is low for a preprogrammed duration after the end
EOC/ INT/ CDI
10
O
of conversion and a valid data is to be output. The polarity of EOC or INT is programmable. This
pin can also be used as a chain data input when the device is operated in chain mode.
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface slave
FS/CS
11
select (SS-).
+IN
3
I
Non inverting input
-IN
4
I
Inverting input, usually connected to ground
NC
2,8
No connection.
REF+
7
I
External reference input.
REF-
6
Connect to AGND through individual via.
SCLK
15
Clock for serial interface
SDI
12
I
Serial data in
SDO
13
O
Serial data out
+VA
1
Analog supply, +2.7 V to +5.5 VDC.
+VBD
16
Interface supply
ADS8328 Terminal Functions
NO.
NAME
I/O
DESCRIPTION
TSSOP
AGND
5
Analog ground
BDGND
14
Interface ground
COM
4
I
Common inverting input, usually connected to ground
CONVST
9
Freezes sample and hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in progress. If
programmed as an interrupt (INT), this pin is low for a preprogrammed duration after the end of
EOC/ INT/ CDI
10
O
conversion and a valid data is to be output. The polarity of EOC or INT is programmable. This pin
can also be used as a chain data input when the device is operated in chain mode.
FS/CS
11
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI interface
+IN1
2
I
Second noninverting input.
+IN0
3
I
First noninverting input
NC
8
No connection.
REF+
7
I
External reference input.
REF-
6
Connect to AGND through individual via.
SCLK
15
Clock for serial interface
SDI
12
I
Serial data in (conversion start and reset possible)
SDO
13
O
Serial data out
+VA
1
Analog supply, +2.7 V to +5.5 VDC.
+VBD
16
Interface supply
10
Submit Documentation Feedback


Podobny numer części - ADS8328IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8328IBPW TI-ADS8328IBPW Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPW TI1-ADS8328IBPW Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPWG4 TI1-ADS8328IBPWG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPWR TI-ADS8328IBPWR Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPWR TI1-ADS8328IBPWR Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Podobny opis - ADS8328IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com