Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8328IBPWR Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS8328IBPWR
Szczegółowy opis  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8328IBPWR Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS8328IBPWR Datasheet HTML 7Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 8Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 9Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 10Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 11Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 12Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 13Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 14Page - Burr-Brown (TI) ADS8328IBPWR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
www.ti.com
t
SAMPLE1 = 3 CCLKs min
t
d(CRS-EOS) = 20 ns min
t
CONV = 18 CCLKs
t
h(CSF-EOC)
t
h(CSF-EOC)
t
h(CSR-EOS)
t
h(CSF-EOS)
t
su(CSF-EOC)
t
su(CSF-EOS)
t
SAMPLE1 = 3 CCLKs min
t
wL(CONVST)
EOC
(active low)
MANUAL TRIGGER / READ While Sampling
(use internal CCLK, EOC and
polarity programmed as active low)
INT
(active low)
INT
/FS
CS
SCLK
SDO
SDI
CONVST
Nth
Nth
1101b
1101b
Nth−1th
Nth
READ Result
READ Result
1 . . . . . . . . . . . . . . . . . . . . 16
1
1101b
1110b. . . . . . . . . . . . . .
1101b
Nth
CONFIGURE
READ Result
N − 1th
N − 1th
Nth
READ Result
EOC
(active low)
AUTO TRIGGER / READ While Sampling
(use internal CCLK, EOC and
polarity programmed as active low)
INT
(active low)
INT
/FS
CS
SCLK
SDO
SDI
= 1
CONVST
t
SAMPLE2 = 3 CCLKs
t
SAMPLE2 = 3 CCLKs
t
CONV = 18 CCLKs
t
CONV = 18 CCLKs
t
h(CSF-EOC)
t
h(CSF-EOC)
t
h(CSF-EOS)
t
su(CSF-EOS)
t
su(CSF-EOS)
1 . . . . . . . . . . . . . . . . . . .16
1 . . . . . . . . . . . . . . . . . . .16
1
ADS8327
ADS8328
SLAS415A – APRIL 2006 – REVISED MAY 2006
Figure 1. Timing for Conversion and Acquisition Cycles for Manual Trigger (read while sampling)
Figure 2. Timing for Conversion and Acquisition Cycles for Autotrigger (read while sampling)
11
Submit Documentation Feedback


Podobny numer części - ADS8328IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8328IBPWR TI-ADS8328IBPWR Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPWR TI1-ADS8328IBPWR Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8328IBPWRG4 TI1-ADS8328IBPWRG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Podobny opis - ADS8328IBPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com