Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MMA6281QT Datasheet(Arkusz danych) 6 Page - Freescale Semiconductor, Inc

Numer części MMA6281QT
Szczegółowy opis  -2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo 

 6 page
background image
Sensors
6
Freescale Semiconductor
MMA6281QT
15
16
14
13
12
11
10
1
2
3
4
56
7
8
9
+X
DYNAMIC ACCELERATION
-X
Top View
16-Pin QFN Package
STATIC ACCELERATION
Direction of Earth’s gravity field.*
XOUT@ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
XOUT @ -1g = 1.17 V
ZOUT @ 0g = 1.65 V
XOUT @ 0g = 1.65 V
ZOUT @ 0g = 1.65 V
XOUT @ +1g = 2.13 V
ZOUT @ 0g = 1.65 V
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.
Side View
: Arrow indicates direction of mass movement.
Top View
Side View
XOUT @ 0g = 1.65 V
ZOUT @ +1g = 2.13 V
XOUT @ 0g = 1.65 V
ZOUT @ -1g = 1.17 V
In 2.5g mode
Top View
-Z
+Z




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MMA6271QT±2.5g - 10g Two Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA7261Q±2.5g - 10g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA7261QT±2.5g - 10g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA6231Q10g Dual Axis Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MMA6270Q±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA6280Q±1.5g - 6g Dual Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MMA7260Q1.5g - 6g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MMA6260Q±1.5g Dual Axis Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MMA1220DLow G Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl