Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9389 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9389
Szczegółowy opis  800 MHz High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9389 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9389 Datasheet HTML 2Page - Analog Devices AD9389 Datasheet HTML 3Page - Analog Devices AD9389 Datasheet HTML 4Page - Analog Devices AD9389 Datasheet HTML 5Page - Analog Devices AD9389 Datasheet HTML 6Page - Analog Devices AD9389 Datasheet HTML 7Page - Analog Devices AD9389 Datasheet HTML 8Page - Analog Devices AD9389 Datasheet HTML 9Page - Analog Devices AD9389 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9389
Rev. 0 | Page 6 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
D0
3
DE
4
HSYNC
7
S/PDIF
6
CLK
5
VSYNC
1
DVDD
8
MCLK
9
I2S0
10
I2S1
12
I2S3
13
SCLK
14
LRCLK
15
GND
16
PVDD
17
GND
18
GND
19
PVDD
20
PVDD
11
I2S2
59
58
57
54
55
56
60
53
52
GND
D15
D16
D19
D18
D17
GND
D20
D21
51
D22
49
NC
48
NC
47
SDA
46
SCL
45
DDSDA
44
DDCSCL
43
GND
42
GND
41
AVDD
50
D23
21 22 23
24 25 26 27
28 29 30
31 32 33 34 35 36 37 38 39 40
80 79
78
77 76 75 74
73 72 71
70 69 68 67 66 65 64 63 62 61
PIN 1
AD9389
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Complete Pinout List
Pin Type
Pin No.
Mnemonic
Description
Value
INPUTS
50 to 58,
65 to 78, 2
D[23:0]
Video Data Input
1.8 V CMOS
6
CLK
Video Clock Input
1.8 V CMOS
3
DE
Data Enable Bit for Digital Video
1.8 V CMOS
4
HSYNC
Horizontal SYNC Input
1.8 V CMOS
5
VSYNC
Vertical SYNC Input
1.8 V CMOS
23
EXT_SW
Differential Output Swing Adjustment
1.8 V CMOS
25
HPD
Hot Plug Detect Signal
1.8 V CMOS
7
S/PDIF
S/PDIF (Sony/Philips Digital Interface) Audio Input Pin
1.8 V CMOS
8
MCLK
Audio Reference Clock, from 128 × fS to 512 × fS
1.8 V CMOS
12 to 9
I2S[3:0]
I2S Audio Data Inputs
1.8 V CMOS
13
SCLK
I2S Audio Clock
1.8 V CMOS
14
LRCLK
Left/Right Channel Selection
1.8 V CMOS
33
PD/A0
Power-Down Control
1.8 V CMOS
OUTPUTS
28, 27
TxC+
Differential Clock Output
TMDS
TxC−
Differential Clock Output Complement
38, 37
Tx2+
Differential Output Channel 2
TMDS
Tx2−
Differential Output Channel 2 Complement
35, 34
Tx1+
Differential Output Channel 1
TMDS
Tx1−
Differential Output Channel 1 Complement


Podobny numer części - AD9389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389AKCPZ-80 AD-AD9389AKCPZ-80 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Podobny opis - AD9389

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com