Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3100R20-27SWF80 Arkusz danych(PDF) 1 Page - ITT Industries

Numer części CA3100R20-27SWF80
Szczegółowy opis  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100R20-27SWF80 Arkusz danych(HTML) 1 Page - ITT Industries

  CA3100R20-27SWF80 Datasheet HTML 1Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 2Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 3Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 4Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 5Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 6Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 7Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 8Page - ITT Industries CA3100R20-27SWF80 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ittcannon.com
167
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
How to Order
ITT Cannon is the foremost manufacturer of MS and
MS type connectors with the widest range of
connector styles, sizes and variations in the indus-
try. These connectors utilize the finest materials,
which, along with precision manufacturing and rigid
quality control, assure ITT Cannon customers of the
finest quality connectors.
These circular connectors were originally designed
for aircraft, but are now widely used in many other
fields. They are particularly suitable for commercial
applications requiring low cost and high reliability.
ENVIRONMENTAL
RESISTANT
MS-E,
MS-F,
MS-R AND F80 (Solder/Crimp Termination)
MS-E, MS-F and MS-R are similar to MS-A and
MS-B connectors but have resilient insulators and
wire sealing grommets for extreme environmental
conditions and high altitude sealing. MS-E's and
MS-F's have a mechanical cable clamp; the MS-R
has a shorter, lighter weight endbell without the
cable clamp. Both the MS-F and MS-R have 0 rings
to supplement the interfacial seal. Shells are alumi-
num alloy. Contacts are siliver plated copper alloy.
The F80 modification (crimp contact termination) is
available in E, R, F and BFR styles with resilient
insulators.
In the latest revision of MIL-C-5015, a new class of
environment-resistant connectors was added. This
new class F connector supersedes the previous
class E connector. The MS3106F is identical to the
MS3106E except that the MS3106F has an "0"
ring under the coupling nut. The class E will still be
available upon request for exitsting programs, and
upon ordering will also bear the E nomenclature on
the shell.
MS-F and MS-R connectors are designed to operate
in the extreme environmental conditions of high
altitude filight and must be completely sealed to
withstand moisture, condensation, vibration, corona
and flashover caused by high altitude environments.
They have resilient grommet with internal restric-
tions in the wire cavities which act as 0 rings
around the wires. This allows the wires to slide thru
the grommet with a minimum of friction, yet when
the ferrule is seated and the endbell tightened it
provides a perfect wire seal thru a wide variety of
wire diameters. This seal at the rear, plus the
interfacial seal at the front, effects a completely
environment-resistant asssembly when the plug is
mated to and F or R receptacle. Sockets are of the
closed-entry type.
The temperature range for this connector is -55˚C
(-67˚F)
to
+125˚C
(+257˚F)
and
meets
the
requirements of MIL-C-5015.
The F80 modification (crimp contact termination) is
avialable in resilient insulators in the E, R, F, and
BFR styles, creating a large selection of insert
assemblies and hardware. Components are identical
to the MS-5015 except that the contacts are
modified for crimp termination providing and in-
expensive crimp contact connector with the proven
reliability of and complete intermateability with the
MS-5015 series. See page 187 for assembly in-
structions. Cable clamps have been integrally de-
signed with the endbell on MS-E and MS-F connec-
tors. Class R is without the cable clamp.
POTTING
ER
CONNECTORS
(Solder
Contact
Termination)
These lightweight potting connectors provide re-
sistance to salt water, fuels, etc., and will with-
stand the effects of high vibration. 3100 and 3106
connectors with plastic potting cups and resilient
inserts meet the requirements of MS3103 and
MS25183. Contacts are silver plated copper or
brass. ER insulators are resilient; shells are alumi-
num alloy. A 90˚ plug (3108ER) is also available.
ACCESSORIES
Accessories to fit MS connectors include junction
shells, protective caps, dummy or stowage recepta-
cles, cable clamps, telescoping bushings.
PREFIX
CA
MS
3106
3106
R
R
20
20
27
27
P
P
W
W
*
-
-
-
PREFIX
MS - Conforms to latest MIL-C-5015 revision
CA - Cannon designation (for any modification)
Coupling thread diameter in sixteenths of an inch
See pages 171-174
P for Pin; S for Socket
W, X, Y and Z (omit for "Normal")
(applies to CA numbers only, not MS)
F80 - Crimp type contacts. See page 187 for
assembly instructions.
3100 - Wall mounting receptacle
3101 - Cable connecting plug
3102 - Box mounting receptacle
3106 - Straight plug
3108 - 90˚ angle plug
E/F - Environmental with resilient insulators
and integral cable clamp.
R - Environmental with resilient insualtors
and shortened light weight endbell; also
additional sealing with 0 ring seal under
coupling nut in styles 3106 and 3108
When ordering MS3106F to the Cannon part number, designate
CA06R. See pages 177 and 181.
*
*
SHELL STYLE
SHELL STYLE
CLASS
CLASS
SHELL SIZE
SHELL SIZE
CONTACT ARRANGEMENT
CONTACT ARRANGEMENTs
CONTACT TYPE
CONTACT TYPE
ALTERNATE INSERT POSITION
ALTERNATE INSERT POSITION
MODIFICATION CODE
MODIFICATION CODE


Podobny numer części - CA3100R20-27SWF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
CA3100R20-27SW ITT-CA3100R20-27SW Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
More results

Podobny opis - CA3100R20-27SWF80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com